Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-960-104P-R2-2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-960-104P-R2-2
Description  THIN-FILM HIGH PRESSURE TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-960-104P-R2-2 Datasheet(HTML) 1 Page - Copal Electronics

  PA-960-104P-R2-2 Datasheet HTML 1Page - Copal Electronics PA-960-104P-R2-2 Datasheet HTML 2Page - Copal Electronics PA-960-104P-R2-2 Datasheet HTML 3Page - Copal Electronics PA-960-104P-R2-2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
受圧部サージ圧防止構造の油圧用高圧センサ
PA-960/PA-968
Part name
Material
Sensor module
Board
Fitting
Case
1
2
3
4
1
2
3
4
17-4PH
(Correspond to SUS630)
―
SUS 304
17-4PH
(Correspond to SUS630)
INTERNAL STRUCTURE
PA-960/PA-968
O Compact and lightweight
O To support maximum of 50 MPa(s).
O Digital coverage for a high accuracy
O Mounting by connector for an easy wiring
O High water proof structure comply with IP67(when
mounting connector)
O CE Marking available
■ FEATURES
■ MODEL NUMBER DESIGNATION
PA-960 - 104P - R2 - 1
Series name
Pressure range
PA-960
:
(Voltage output)
PA-968
:
(Current output)
503P(5MPa)
、
104P(10MPa)
、
204P(20MPa)
、
354P(35MPa)
、
504P(50MPa)
Cable
Blank(Nothing)
1(M12 connector cable
:Straight 1m)
2(M12 connector cable
:Angle 1m)
Fitting
R2(R1/4)
G3(G3/8)
(G3/8
、included P14 O-ring)
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
THIN-FILM HIGH PRESSURE TRANSDUCER.


Similar Part No. - PA-960-104P-R2-2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
More results

Similar Description - PA-960-104P-R2-2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-204 COPAL-PA-204 Datasheet
708Kb / 2P
HIGH PRECISION PRESSURE TRANSDUCER
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
EB100 TEC-EB100 Datasheet
205Kb / 4P
High Accuracy Miniature Pressure Transducer
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com