Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9554AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9554AD
Description  8-bit I2C and SMBus I/O port with interrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9554AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9554AD Datasheet HTML 1Page - NXP Semiconductors PCA9554AD Datasheet HTML 2Page - NXP Semiconductors PCA9554AD Datasheet HTML 3Page - NXP Semiconductors PCA9554AD Datasheet HTML 4Page - NXP Semiconductors PCA9554AD Datasheet HTML 5Page - NXP Semiconductors PCA9554AD Datasheet HTML 6Page - NXP Semiconductors PCA9554AD Datasheet HTML 7Page - NXP Semiconductors PCA9554AD Datasheet HTML 8Page - NXP Semiconductors PCA9554AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9554/PCA9554A
8-bit I2C and SMBus I/O port with interrupt
2
2004 Sep 30
FEATURES
• Operating power supply voltage range of 2.3 to 5.5 V
• 5 V tolerant I/Os
• Polarity inversion register
• Active-LOW interrupt output
• Low stand-by current
• Noise filter on SCL/SDA inputs
• No glitch on power-up
• Internal power-on reset
• 8 I/O pins which default to 8 inputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Six packages offered: DIP16, SO16, SSOP16, SSOP20,
TSSOP16, and HVQFN16
DESCRIPTION
The PCA9554 and PCA9554A are 16-pin CMOS devices that
provide 8 bits of General Purpose parallel Input/Output (GPIO)
expansion for I2C/SMBus applications and were developed to
enhance the Philips family of I
@C I/O expanders. The improvements
include higher drive capability, 5V I/O tolerance, lower supply
current, individual I/O configuration, 400 kHz clock frequency, and
smaller packaging. I/O expanders provide a simple solution when
additional I/O is needed for ACPI power switches, sensors,
pushbuttons, LEDs, fans, etc.
The PCA9554/54A consist of an 8-bit Configuration register (Input or
Output selection); 8-bit Input register, 8-bit Output register and an
8-bit Polarity inversion register (Active-HIGH or Active-LOW
operation). The system master can enable the I/Os as either inputs
or outputs by writing to the I/O configuration bits. The data for each
Input or Output is kept in the corresponding Input or Output register.
The polarity of the read register can be inverted with the Polarity
Inversion Register. All registers can be read by the system master.
Although pin to pin and I2C address compatible with the PCF8574
series, software changes are required due to the enhancements and
are discussed in
Application Note AN469.
The PCA9554/54A open-drain interrupt output is activated when any
input state differs from its corresponding input port register state and
is used to indicate to the system master that an input state has
changed. The power-on reset sets the registers to their default
values and initializes the device state machine.
Three hardware pins (A0, A1, A2) vary the fixed I2C address and
allow up to eight devices to share the same I2C/SMBus. The
PCA9554A is identical to the PCA9554 except that the fixed I2C
address is different allowing up to sixteen of these devices (eight of
each) on the same I2C/SMBus.
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
16-Pin Plastic DIP
–40
°C to +85 °C
PCA9554N
PCA9554N
SOT38-1
16-Pin Plastic SO (wide)
–40
°C to +85 °C
PCA9554D
PCA9554D
SOT162-1
16-Pin Plastic SSOP
–40
°C to +85 °C
PCA9554DB
9554DB
SOT338-1
20-Pin Plastic SSOP
–40
°C to +85 °C
PCA9554TS
PCA9554
SOT266-1
16-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9554PW
9554DH
SOT403-1
16-Pin Plastic HVQFN
–40
°C to +85 °C
PCA9554BS
9554
SOT629-1
16-Pin Plastic DIP
–40
°C to +85 °C
PCA9554AN
PCA9554AN
SOT38-1
16-Pin Plastic SO (wide)
–40
°C to +85 °C
PCA9554AD
PCA9554AD
SOT162-1
16-Pin Plastic SSOP
–40
°C to +85 °C
PCA9554ADB
9554A
SOT338-1
20-Pin Plastic SSOP
–40
°C to +85 °C
PCA9554ATS
PA9554A
SOT266-1
16-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9554APW
9554ADH
SOT403-1
16-Pin Plastic HVQFN
–40
°C to +85 °C
PCA9554ABS
554A
SOT629-1
Standard packing quantities and other packaging data are available at www.philipslogic.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com