Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4233A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N4233A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N4233A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N4233A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N4233A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2N4233A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)*
Collector-Emitter Sustaining Voltage
IC=100mA; IB= 0
60
V
ICEO
Collector Cutoff Current
VCE=80V;IB= 0
1
mA
ICEX
Collector-Emitter Leakage current
VCE=80V,VBE(OFF)=1.5V
0.1
mA
ICBO
Collector Cutoff Current
VCE=80V;IB= 0
50
uA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
0.5
mA
VCE(sat)-1*
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 0.15A
0.7
V
VCE(sat)-2*
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
2.0
V
VCE(sat)-3*
Collector-Emitter Saturation Voltage
IC= 5A; IB=1.25A
4
V
VBE(ON)*
Base-Emitter On Voltage
IC=1.5A;VCE= 2V
1.4
V
hFE-1*
DC Current Gain
IC= 0.5A; VCE= 2V
40
hFE-2*
DC Current Gain
IC= 1.5A; VCE= 2V
25
100
hFE-3*
DC Current Gain
IC= 3A; VCE= 2V
10
hFE-4*
DC Current Gain
IC= 5A; VCE= 4V
4
*:Pulse test:Pulse width=300us,duty cycle≤2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com