Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 35Page - National Semiconductor (TI) LM4931 Datasheet HTML 36Page - National Semiconductor (TI) LM4931 Datasheet HTML 37Page - National Semiconductor (TI) LM4931 Datasheet HTML 38Page - National Semiconductor (TI) LM4931 Datasheet HTML 39Page - National Semiconductor (TI) LM4931 Datasheet HTML 40Page - National Semiconductor (TI) LM4931 Datasheet HTML 41Page - National Semiconductor (TI) LM4931 Datasheet HTML 42Page - National Semiconductor (TI) LM4931 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Application Information (Continued)
LM4931 DEMO BOARD BILL OF MATERIALS
Part Description
QTY
Reference Designator
Cer Cap 10nF 50V 10% 0805
1
C15
Cer Cap 150nF 50V 10% 0805
1
C12
Cer Cap 68pF 50V 10% 0805
1
C16
Cer Cap 0.022uF 50V 10% 0805
2
C13, C14
Cer Cap 0.1uF 50V 10% 0805
4
C4, C6, C17, C19
Tant Cap 1uF 16V 10% Case=A 3216
9
C1–C3, C5, C7–C9, C18, C20
Tant Cap 47uF 16V 10% Case=C 6032
2
C10–C11
Res 22.6 ohm 1/10W 1% 0805
1
R12
Res 300 ohm 1/10W 1% 0805
1
R11
Res 422 ohm 1/10W 1% 0805
1
R13
Res 1K Ohm 1/10W 1% 0805
2
R9, R10
Res 2K Ohm 1/10W 1% 0805
2
R1, R4
Res 5K Ohm 1/10W 1% 0805
4
R2, R6, R8, R99
Inductor 1mH
2
L1, L2
Stereo Headphone Jack
1
P1
Header1X2
22
JP3, JP5–JP10, Jp14, S1, S3–S15
Header1X3
4
Header1X5
4
I
2C/SPI CONTROL INTERFACE (JP11)
Pin
Function
1
VDD_D
2
SCL/SCK
3
VSS_D
4
ADDR/ENB
5
VSS_D
6
SDA/SDI
PCM INTERFACE (JP12)
Pin
Function
1
MCLK
2
PCM_CLK
3
PCM_SDI
4
PCM_SYNC
5
PCM_SDO
6
VSS_D
7
VSS_D
8
VSS_D
9
VSS_D
10
VSS_D
I
2S INTERFACE (JP13)
Pin
Function
1
MCLK
2
I2S_CLK
3
I2S_SDI
4
I2S_WS
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com