Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2471 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 22Page - National Semiconductor (TI) LMX2471 Datasheet HTML 23Page - National Semiconductor (TI) LMX2471 Datasheet HTML 24Page - National Semiconductor (TI) LMX2471 Datasheet HTML 25Page - National Semiconductor (TI) LMX2471 Datasheet HTML 26Page - National Semiconductor (TI) LMX2471 Datasheet HTML 27Page - National Semiconductor (TI) LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Programming Description (Continued)
2.1 R0 REGISTER
Note that this register has only one control bit. The reason for this is that it enables the N counter value to be changed with a
single write statement to the PLL.
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
DATA[19:0] ( Except for the RF_N Register, which is [22:0] )
C3
C2
C1
C0
R0
RF_N[10:0]
FN[11:0]
0
2.1.1 RF_FN[11:0] -- Fractional Numerator for RF PLL
Refer to section 2.8.1 for a more detailed description of this control word.
2.1.2 RF_N[10:0] -- RF N Counter Value
The RF N counter contains a 16/17/20/21 prescaler. Because there is only one selection of prescaler, the value that is
programmed is simply the N counter value converted into binary form. However, because this counter does have a prescaler,
there are limitations on the divider values.
RF_N
RF_N[10:0]
RF_C
RF_B
RF_A
≤64
N values less than or equal to 64 are prohibited.
65-66
Possible only with a second order delta-sigma engine
67-70
Possible with a second or third order delta-sigma engine.
71
0000100
0111
72
0000100
1000
...
.......
....
2039
1111111
0111
2040-2043
Possible with a second or third order delta-sigma engine.
2044-2045
Possible only with a second order delta-sigma engine.
>2045
N values above 2045 are prohibited.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com