Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS8550C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSS8550C
Description  PNP medium power 25 V transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS8550C Datasheet(HTML) 3 Page - NXP Semiconductors

  PSS8550C Datasheet HTML 1Page - NXP Semiconductors PSS8550C Datasheet HTML 2Page - NXP Semiconductors PSS8550C Datasheet HTML 3Page - NXP Semiconductors PSS8550C Datasheet HTML 4Page - NXP Semiconductors PSS8550C Datasheet HTML 5Page - NXP Semiconductors PSS8550C Datasheet HTML 6Page - NXP Semiconductors PSS8550C Datasheet HTML 7Page - NXP Semiconductors PSS8550C Datasheet HTML 8Page - NXP Semiconductors PSS8550C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Aug 10
3
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint.
2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
3. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint.
Operated under pulsed conditions: pulse width tp ≤ 1 s; duty cycle δ≤ 0.75%.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
147
K/W
in free air; note 2
139
K/W
in free air; note 3
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −35 V; IE =0
−−−100
nA
VCB = −35 V; IE =0;
Tamb = 150 °C
−−−50
µA
ICEO
collector-emitter cut-off current
VCE = −25 V; IB =0
−−−100
nA
IEBO
emitter-base cut-off current
VEB = −6 V; IC =0
−−−100
nA
hFE
DC current gain
IC = −5 mA; VCE = −1V
45
−−
IC = −800 mA; VCE = −1V
40
−−
DC current gain
IC = −100 mA; VCE = −1V
PSS8550C
120
−
200
PSS8550D
160
−
300
VCEsat
collector-emitter saturation voltage
IC = −800 mA; IB = −80 mA
−−190
−500
mV
VBEsat
base-emitter saturation voltage
IC = −800 mA; IB = −80 mA
−−−1.2
V
VBEon
base-emitter turn-on voltage
IC = −10 mA; VCE = −1V
−−−1V
fT
transition frequency
IC = −50 mA; VCE = −10 V;
f = 100 MHz
100
−−
MHz
Cc
collector capacitance
VCB =10V; IE =ie = 0; f = 1 MHz
−−
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com