Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913A1T-E/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3913A1T-E/SS
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913A1T-E/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3913A1T-E/SS Datasheet HTML 17Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 18Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 19Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 20Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 21Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 22Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 23Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 24Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 21
MCP3913
4.0
TERMINOLOGY AND
FORMULAS
This section defines the terms and formulas used
throughout this data sheet. The following terms are
defined:
• MCLK – Master Clock
• AMCLK – Analog Master Clock
• DMCLK – Digital Master Clock
• DRCLK – Data Rate Clock
• OSR – Oversampling Ratio
• Offset Error
• Gain Error
• Integral Non-Linearity Error
• Signal-to-Noise Ratio (SNR)
• Signal-To-Noise Ratio And Distortion (SINAD)
• Total Harmonic Distortion (THD)
• Spurious-Free Dynamic Range (SFDR)
• MCP3913 Delta-Sigma Architecture
• Idle Tones
• Dithering
• Crosstalk
• PSRR
• CMRR
• ADC Reset Mode
• Hard Reset Mode (RESET = 0)
• ADC Shutdown Mode
• Full Shutdown Mode
• Measurement Error
4.1
MCLK – Master Clock
This is the fastest clock present on the device. This is
the frequency of the crystal placed at the OSC1/OSC2
inputs when CLKEXT = 0, or the frequency of the
clock input at the OSC1/CLKI when CLKEXT = 1. See
Figure 4-1.
4.2
AMCLK – Analog Master Clock
AMCLK is the clock frequency that is present on the
analog portion of the device, after prescaling has
occurred via the CONFIG0 PRE<1:0> register bits (see
Equation 4-1). The analog portion includes the PGAs
and the delta-sigma modulators.
EQUATION 4-1:
FIGURE 4-1:
Clock Sub-Circuitry.
4.3
DMCLK – Digital Master Clock
This is the clock frequency that is present on the digital
portion of the device, after prescaling and division by
four (Equation 4-2). This is also the sampling
frequency, which is the rate at which the modulator
outputs are refreshed. Each period of this clock
corresponds to one sample and one modulator output.
See Figure 4-1.
EQUATION 4-2:
4.4
DRCLK – Data Rate Clock
This is the output data rate, i.e., the rate at which the
ADCs output new data. Each new data is signaled by a
data ready pulse on the DR pin.
This data rate is depending on the OSR and the
prescaler with the formula in Equation 4-3.
EQUATION 4-3:
TABLE 4-1:
MCP3913 OVERSAMPLING
RATIO SETTINGS
Config.
Analog Master Clock
Prescale
PRE<1:0>
00
AMCLK = MCLK/1 (default)
01
AMCLK = MCLK/2
10
AMCLK = MCLK/4
11
AMCLK = MCLK/8
AMCLK
MCLK
PRESCALE
-------------------------------
=
Xtal Oscillator
MCLK
OSC1
OSC2
Multiplexer
OUT
0
1
1/PRESCALE
1/4
1/OSR
AMCLK
DMCLK
DRCLK
Clock Divider
Clock Divider
Clock Divider
OSR<2:0>
PRE<1:0>
CLKEXT
Multiplexer
OUT
0
1
MODE
SCK
DMCLK
AMCLK
4
---------------------
MCLK
4
PRESCALE
----------------------------------------
==
DRC LK
DMC LK
OSR
----------------------
AMCLK
4OSR
---------------------
MCLK
4
OSR
PRESCALE
-----------------------------------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com