Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909T-I/SS Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3909T-I/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-I/SS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3909T-I/SS Datasheet HTML 25Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 26Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 27Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 28Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 29Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 30Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 31Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 32Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 29
MCP3909
5.7
Using the MCP3909 with
Microcontroller (MCU) SPI Ports
With microcontroller SPI ports, it is required to send
groups of eight bits. It is also required that the micro-
controller SPI port be configured to clock out data on
the falling edge of clock and latch data in on the rising
edge, or vice versa depending on the mode.
5.7.1
SPI MODE DEFINITIONS
The following table represents the standard SPI mode
terminology, the respective PIC bit settings, and a
description of compatibility for the MCP3909 device.
The MCP3909 works in SPI mode 0,1 mode, that is the
data is clocked out of the part on the rising edge and
clocked in on the falling edge of SCK.
TABLE 5-4:
SPI MODE COMPATIBILITY
Standard SPI
Mode
Terminology
PIC Control Bits
State
MCP3909
Compatibility
Description
CKP
CKE
0,0
0
1
—
Idle state for clock is low level, transmit (from PIC)
occurs from active to idle clock state
0,1
0
0
√
Idle state for clock is low level, transmit (from PIC)
occurs from idle to active clock state
1,0
1
1
—
Idle state for clock is high level, transmit (from PIC)
occurs from active to idle clock state
1,1
1
0
—
Idle state for clock is high level, transmit (from PIC)
occurs from idle to active clock state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com