Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1661 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1661 Datasheet HTML 9Page - Microchip Technology MCP1661 Datasheet HTML 10Page - Microchip Technology MCP1661 Datasheet HTML 11Page - Microchip Technology MCP1661 Datasheet HTML 12Page - Microchip Technology MCP1661 Datasheet HTML 13Page - Microchip Technology MCP1661 Datasheet HTML 14Page - Microchip Technology MCP1661 Datasheet HTML 15Page - Microchip Technology MCP1661 Datasheet HTML 16Page - Microchip Technology MCP1661 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2014-2015 Microchip Technology Inc.
DS20005315B-page 13
MCP1661
4.2.1
INTERNAL BIAS
The MCP1661 device gets its bias from VIN. The VIN
bias is used to power the device and drive circuits over
the entire operating range.
4.2.2
START-UP VOLTAGE
AND SOFT START
The MCP1661 device starts at input voltages that are
higher than or equal to a predefined set UVLO value.
MCP1661 starts switching at approximately 2.3V for
12.0V output and 1 mA resistive load. Once started, the
device will continue to operate under normal load
conditions down to 1.85V typical. There is a soft start
feature which provides a way to limit the inrush current
drawn from the input (batteries) during start-up. The
soft start has an important role in applications where
the switch will reach 32V. During start-up, excessively
high switch current, together with the presence of high
voltage, can overstress the NMOS switch.
When the device is powered (EN = VIN and VIN rises
from zero to its nominal value), the output capacitor
charges to a value close to the input voltage (or VIN
minus a Schottky diode voltage drop). The overshoot
on output is limited by slowly increasing the reference
of the error amplifier. There is an internal reference
voltage which charges an internal capacitor with a
weak current source. The voltage on this capacitor
slowly ramps the reference voltage. The soft-start
capacitor is completely discharged in the event of a
commanded shutdown or a thermal shutdown.
Due to the direct path from input to output, in the case
of start-up by enable (EN voltage switches from low-to-
high), the output capacitor is already charged and the
output starts from a value close to the input voltage.
The internal oscillator has a delayed start to let the
output capacitor be completely charged to the input
voltage value.
4.2.3
UNDERVOLTAGE LOCKOUT
(UVLO)
MCP1661 features an UVLO which prevents fault
operation below 1.85V, which corresponds to the
typical value of two discharged batteries. The device
starts its normal operation at 2.3V input. The upper limit
is set to avoid any input transients (temporary VIN
drop), which might trigger the lower UVLO threshold
and restart the device. Usually, these voltage transients
(overshoots and undershoots) have up to a few
hundred mV.
MCP1661 is a non-synchronous boost regulator. Due
to this fact, there is a direct path from VIN to VOUT
through the inductor and the diode. This means that,
while the device is not switching (VIN below UVLOSTOP
threshold), VOUT is not zero but equal to VIN –VF
(where VF is the voltage drop on the rectifier diode).
When the input voltage is below the 2.3V UVLO start
threshold, the device is operating with limited
specification.
4.2.4
PWM MODE OPERATION
MCP1661
operates
as
a
fixed-frequency,
non-synchronous converter. The switching frequency
is maintained at 500 kHz with a precision oscillator.
Lossless current sensing converts the peak current
signal to a voltage (VSENSE) and adds it to the internal
slope compensation (VRAMP). This summed signal is
compared to the voltage error amplifier output (VERROR)
to provide a peak current control signal (VPWM) for the
PWM control block. The slope compensation signal
depends on the input voltage. Therefore, the converter
provides the proper amount of slope compensation to
ensure stability. The peak current is set to 1.3A.
The MCP1661 device will operate in PWM even during
periods of light load operation by skipping pulses. By
operating in PWM mode, the output ripple is low and
the frequency is constant.
4.2.5
ADJUSTABLE OUTPUT VOLTAGE
The MCP1661 output voltage is adjustable with a
resistor divider over the VOUT range. High value
resistors are recommended to minimize power loss and
keep efficiency high at light loads. The device
integrates a transconductance-type error amplifier and
the values of the feedback resistors do not influence
the stability of the system.
4.2.6
MINIMUM INPUT VOLTAGE
AND MAXIMUM OUTPUT CURRENT
The maximum output current for which the device can
supply the load is dependent upon the input and output
voltage. The minimum input voltage necessary to reach
the value of the desired output depends on the
maximum
duty
cycle
(approximately
90%)
in
accordance
with
the
mathematical
relation
VOUT =VINmin/(1 – DMAX). As there is a 1.3A inductor
peak current limit, VOUT can go out of regulation before
reaching the maximum duty cycle. (For boost
converters, the average inductor current is equal to the
input current.)
For example, to ensure a 100 mA load current for
VOUT = 12.0V, a minimum of 2.8V input voltage is
necessary. If an application is powered by one Li-Ion
battery (VIN from 3.3V to 4.2V), the minimum load
current the MCP1661 device can deliver is close to
50 mA at 24.0V output (see Figure 2-3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com