Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511-E/MQ Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP39F511-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511-E/MQ Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP39F511-E/MQ Datasheet HTML 31Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 32Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 33Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 34Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 35Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 36Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 37Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 38Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 35
MCP39F511
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER
U-0
U-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
—
—
PGA_CH1<2:0>
PGA_CH0<2:0>
bit 31
bit 24
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
VREFCAL<7:0>
bit 23
bit 16
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
U-0
R/W-0
UART<2:0>1
ZCD_INV
ZCD_PULS
ZCD_OUTPUT_DIS
—
SINGLE_WIRE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
TEMPCOMP
RESET<1:0>
SHUTDOWN<1:0>
VREFEXT
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-30
Unimplemented
: Read as ‘0’
bit 29-27
PGA_CH1 <2:0>:
PGA Setting for the current channel.
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8 (Default)
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1
bit 26-24
PGA_CH0 <2:0>:
PGA Setting for the voltage channel.
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8 (Default)
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1
bit 23-16
VREFCAL<n>:
Internal voltage reference temperature coefficient register value (See Section 6.5.4
“VREF Temperature Compensation” for complete description)
bit 15-13
UART<2:0>:
UART Baud Rate bits (Note 1)
111
= 1200
110
= 2400
101
= 4800
100
= 9600
011
= 19200
010
= 38400
001
= 57600
000
= 115200 (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com