Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17585F5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17585F5
Description  30-V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17585F5 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17585F5 Datasheet HTML 1Page - Texas Instruments CSD17585F5 Datasheet HTML 2Page - Texas Instruments CSD17585F5 Datasheet HTML 3Page - Texas Instruments CSD17585F5 Datasheet HTML 4Page - Texas Instruments CSD17585F5 Datasheet HTML 5Page - Texas Instruments CSD17585F5 Datasheet HTML 6Page - Texas Instruments CSD17585F5 Datasheet HTML 7Page - Texas Instruments CSD17585F5 Datasheet HTML 8Page - Texas Instruments CSD17585F5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
D
G
S
0.77 mm
0.35 mm
1.53 mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD17585F5
SLPS610 – OCTOBER 2016
CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
1
1 Features
1
•
Low On Resistance
•
Ultra-Low Qg and Qgd
•
Ultra-Small Footprint
–
1.53 mm × 0.77 mm
•
Low Profile
–
0.35-mm Height
•
Integrated ESD Protection Diode
–
Rated > 4-kV HBM
–
Rated > 2-kV CDM
•
Lead and Halogen Free
•
RoHS Compliant
2 Applications
•
Optimized for Industrial Load Switch Applications
•
Optimized for General Purpose Switching
Applications
3 Description
This 30-V, 22-mΩ, N-Channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing a significant
reduction in footprint size.
.
.
.
.
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
Qg
Gate Charge Total (4.5 V)
1.9
nC
Qgd
Gate Charge Gate-to-Drain
0.39
nC
RDS(on)
Drain-to-Source On Resistance
VGS = 4.5 V
26
m
Ω
VGS = 10 V
22
VGS(th)
Threshold Voltage
1.3
V
.
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD17585F5
3000
7-Inch Reel
Femto
1.53-mm × 0.77-mm
SMD Lead Less
Tape
and
Reel
CSD17585F5T
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
+20
V
ID
Continuous Drain Current(1)
3.6
A
Continuous Drain Current(2)
5.9
IDM
Pulsed Drain Current(1)(3)
34
A
PD
Power Dissipation(1)
0.5
W
Power Dissipation(2)
1.4
V(ESD)
Human-Body Model (HBM)
4
kV
Charged-Device Model (CDM)
2
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1) Min Cu, typical RθJA = 245°C/W.
(2) Max Cu, typical RθJA = 90°C/W.
(3) Pulse duration
≤ 100 μs, duty cycle ≤ 1%.
Typical Part Dimensions
Top View


Similar Part No. - CSD17585F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17585F5 TI2-CSD17585F5 Datasheet
1Mb / 16P
CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
REVISED JUNE 2022
CSD17585F5 TI2-CSD17585F5 Datasheet
1Mb / 16P
CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
REVISED JUNE 2022
CSD17585F5.B TI2-CSD17585F5.B Datasheet
1Mb / 16P
CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
REVISED JUNE 2022
CSD17585F5.B TI2-CSD17585F5.B Datasheet
1Mb / 16P
CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
REVISED JUNE 2022
CSD17585F5T TI2-CSD17585F5T Datasheet
1Mb / 16P
CSD17585F5 30-V N-Channel FemtoFET™ MOSFET
REVISED JUNE 2022
More results

Similar Description - CSD17585F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com