Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-3.2/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-3.2/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-3.2/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3985IM5-3.2/NOPB Datasheet HTML 1Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 2Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 3Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 4Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 5Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 6Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 7Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 8Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LP3985
www.ti.com
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
6.5 Electrical Characteristics
Unless otherwise specified: VIN = VOUT(nom) + 0.5 V, CIN = 1 μF, IOUT = 1 mA, COUT = 1 μF, CBYPASS = 0.01 μF. Minimum (MIN)
and Maximum (MAX) values apply over –40°C
≤ TJ ≤ 125°C and typical values are TA = 25°C, unless otherwise indicated.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–2(3)
2(3)
% of
Output voltage tolerance
IOUT = 1 mA
–3
3
VOUT(nom)
VIN = (VOUT(nom) + 0.5 V) to 6 V,
Line regulation error
For 4.7-V to 5-V options
–0.19
0.19
%/V
ΔVOUT
For all other options
–0.1
0.1
IOUT = 1 mA to 150 mA
0.0025
0.005
%/mA
LP3985IM5 (SOT23-5)
Load regulation error(4)
LP3985 (DSBGA)
0.0004
0.002
%/mA
VIN = VOUT(nom) + 1 V,
Output AC line regulation
1.5
mVP-P
IOUT = 150 mA (Figure 1)
VIN = VOUT(nom) + 0.2 V,
f = 1 kHz,
50
dB
IOUT = 50 mA (Figure 2)
PSRR
Power supply rejection ratio
VIN = VOUT(nom) + 0.2 V,
ƒ = 10 kHz,
40
dB
IOUT = 50 mA (Figure 2)
VEN = 1.4 V, IOUT = 0 mA
For 4.7-V to 5-V options
100
165
For all other options
85
150
IQ
Quiescent current
VEN = 1.4 V, IOUT = 0 to 150 mA
µA
For 4.7-V to 5-V options
155
250
For all other options
140
200
VEN = 0.4 V
0.003
1.5
IOUT = 1 mA
0.4
2
mV
IOUT = 50 mA
20
35
mV
Dropout voltage(5)
IOUT = 100 mA
45
70
mV
IOUT = 150 mA
60
100
mV
Output Grounded
ISC
Short circuit current limit
600
mA
(Steady State)
IOUT(PK)
Peak output current
VOUT ≥ VOUT(nom) – 5%
300
550
mA
TON
Turnon time(6)
CBYPASS = 0.01 µF
200
µs
BW = 10 Hz to 100 kHz,
Output noise voltage(7)
30
µVRMS
COUT = 1 µF
en
Output noise density
CBP = 0
230
nV/
√Hz
IEN
Maximum input current at EN VEN = 0.4 V and VIN = 6 V
±1
nA
Maximum low-level input
V
VIL
VIN = 2.5 V to 6 V
0.4
voltage at EN
Minimum high-level input
V
VIH
VIN = 2.5 V to 6 V
1.4
voltage at EN
Thermal shutdown
°C
160
temperature
TSD
Thermal shutdown hysteresis
20
°C
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TA = 25°C or
correlated using Statistical Quality Control (SQC) methods. All hot and cold limits are specified by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The target output voltage, which is labeled VOUT(NOM), is the desired voltage option.
(3)
TA = 25°C only.
(4)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(5)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply for input voltages below 2.5V.
(6)
Turnon time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal
value.
(7)
The output noise varies with output voltage option. The 30 µVRMS is measured with 2.5-V voltage option. To calculate an approximated
output noise for other options, use the equation: (30µVRMS)(X)/2.5, where X is the voltage option value.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com