Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530 Datasheet(HTML) 2 Page - Texas Instruments

  OMAP3530 Datasheet HTML 1Page - Texas Instruments OMAP3530 Datasheet HTML 2Page - Texas Instruments OMAP3530 Datasheet HTML 3Page - Texas Instruments OMAP3530 Datasheet HTML 4Page - Texas Instruments OMAP3530 Datasheet HTML 5Page - Texas Instruments OMAP3530 Datasheet HTML 6Page - Texas Instruments OMAP3530 Datasheet HTML 7Page - Texas Instruments OMAP3530 Datasheet HTML 8Page - Texas Instruments OMAP3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 262 page
background image
OMAP3525-HiRel, OMAP3530-HiRel
SPRS599D – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
– Embedded Trace Macrocell (ETM) Support
– Parallel Digital Output
for Non-Invasive Debug
•
Up to 24-Bit RGB
• ARM Cortex™-A8 Memory Architecture:
•
HD Maximum Resolution
– 16 K-Byte Instruction Cache (4-Way
•
Supports Up to 2 LCD Panels
Set-Associative)
•
Support for Remote Frame Buffer
– 16 K-Byte Data Cache (4-Way
Interface (RFBI) LCD Panels
Set-Associative)
– 2 10-Bit Digital-to-Analog Converters (DACs)
– 256 K-Byte L2 Cache
Supporting:
• 112K-Byte ROM
•
Composite NTSC/PAL Video
• 64K-Byte Shared SRAM
•
Luma/Chroma Separate Video (S-Video)
• Endianess:
– Rotation 90-, 180-, and 270-degrees
– ARM Instructions - Little Endian
– Resize Images From 1/4x to 8x
– ARM Data – Configurable
– Color Space Converter
– DSP Instruction/Data - Little Endian
– 8-bit Alpha Blending
• External Memory Interfaces:
• Serial Communication
– SDRAM Controller (SDRC)
– 5 Multichannel Buffered Serial Ports
•
16, 32-bit Memory Controller With
(McBSPs)
1G-Byte Total Address Space
•
512 Byte Transmit/Receive Buffer
•
Interfaces to Low-Power Double Data
(McBSP1/3/4/5)
Rate (LPDDR) SDRAM
•
5K-Byte Transmit/Receive Buffer
•
SDRAM Memory Scheduler (SMS) and
(McBSP2)
Rotation Engine
•
SIDETONE Core Support (McBSP2 and 3
– General Purpose Memory Controller (GPMC)
Only) For Filter, Gain, and Mix Operations
•
16-bit Wide Multiplexed Address/Data Bus
•
Direct Interface to I2S and PCM Device
and TDM Buses
•
Up to 8 Chip Select Pins With 128M-Byte
Address Space per Chip Select Pin
•
128 Channel Transmit/Receive Mode
•
Glueless Interface to NOR Flash, NAND
– Four Master/Slave Multichannel Serial Port
Flash (With ECC Hamming Code
Interface (McSPI) Ports
Calculation), SRAM and Pseudo-SRAM
– High-Speed/Full-Speed/Low-Speed USB OTG
•
Flexible Asynchronous Protocol Control
Subsystem (12-/8-Pin ULPI Interface)
for Interface to Custom Logic (FPGA,
– High-Speed/Full-Speed/Low-Speed Multiport
CPLD, ASICs, etc.)
USB Host Subsystem
•
Nonmultiplexed Address/Data Mode
•
12-/8-Pin ULPI Interface or 6-/4-/3-Pin
(Limited 2K-Byte Address Space)
Serial Interface
• System Direct Memory Access (sDMA)
•
Supports Transceiverless Link Logic
Controller (32 Logical Channels With
(TLL)
Configurable Priority)
– One HDQ/1-Wire Interface
• Camera Image Signal Processing (ISP)
– Three UARTs (One with Infrared Data
– CCD and CMOS Imager Interface
Association [IrDA] and Consumer Infrared
– Memory Data Input
[CIR] Modes)
– RAW Data Interface
– Three Master/Slave High-Speed
Inter-Integrated Circuit (I2C) Controllers
– BT.601/BT.656 Digital YCbCr 4:2:2 (8-/10-Bit)
Interface
• Removable Media Interfaces:
– A-Law Compression and Decompression
– Three Multimedia Card (MMC)/ Secure Digital
(SD) With Secure Data I/O (SDIO)
– Preview Engine for Real-Time Image
Processing
• Comprehensive Power, Reset, and Clock
Management
– Glueless Interface to Common Video
Decoders
– SmartReflex™ Technology
– Histogram Module/Auto-Exposure,
– Dynamic Voltage and Frequency Scaling
Auto-White Balance, and Auto-Focus Engine
(DVFS)
– Resize Engine
• Test Interfaces
•
Resize Images From 1/4x to 4x
– IEEE-1149.1 (JTAG) Boundary-Scan
Compatible
•
Separate Horizontal/Vertical Control
– Embedded Trace Macro Interface (ETM)
• Display Subsystem
2
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): OMAP3525-HiRel OMAP3530-HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com