Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP5912ZVLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5912ZVLR
Description  OMAP5912 Applications Processor
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP5912ZVLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OMAP5912ZVLR Datasheet HTML 3Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 4Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 5Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 6Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 7Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 8Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 9Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 10Page - Texas Instruments OMAP5912ZVLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 270 page
background image
Revision History
7
December 2003 − Revised December 2005
SPRS231E
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
209
Table 5−10, EMIFS/NOR Flash Interface Switching Characteristics:
− Added rows for F17 and F18
− F27:
− updated symbol and description
− changed MIN value from “H − 6.6” ns to “H − 3.29” ns
− changed MAX value from “H + 3.29” ns to “H + 6.6” ns
− F29: updated symbol and description
− F30: updated symbol and description
− F31: updated symbol and description
− F40: updated symbol and description
− F41: updated symbol and description
− F42: updated symbol and description
− F43: updated symbol and description
− added “See Section 5.7.1.1 for information on and an example of how to calculate OMAP5912 EMIFS NOR Flash
timings.” to second footnote
211
Added Section 5.7.1.1, EMIFS NOR Flash Timing Calculation Example
213
Table 5−11, Sample Timing Calculation of Table 5−9 Parametric Values Using Constraints Calculated Above:
− changed “async modes” to “async page mode” on F21 and F22
214
Table 5−12, Sample Timing Calculation of Table 5−10 Parametric Values Using Constraints Calculated Above:
− modified values for F13 and f15
− added rows for F17/F18
218
Figure 5−10, EMIFS/NOR Flash—Single Word Asynchronous Read, Full-Handshaking Mode Timing:
− removed parameter F8
219
Figure 5−11, EMIFS/NOR Flash—Asynchronous 32-Bit Read Timing:
− changed F13 to F17
− changed F15 to F18
220
Figure 5−13:
− changed title from “EMIFS/NOR Flash—Single Word Asynchronous Write Timing” to “EMIFS/NOR Flash—Single Word
Asynchronous Write Timing, Full-Handshaking Mode”
− removed parameter F8
221
Figure 5−14:
− changed title from “EMIFS/NOR Flash—Single Word Asynchronous Write, Full-Handshaking Mode” to “EMIFS/NOR
Flash—Single Word Asynchronous Write”
224
Figure 5−18, EMIFS/Multiplexed NOR Flash—Single Word Asynchronous Read Timing:
− changed F13 to F17
225
Figure 5−20, EMIFS/Multiplexed NOR Flash—Synchronous Burst Read Timing (Retiming Off):
− changed F13 to F17
226
Table 5−14, EMIFS/NAND Flash Switching Characteristics:
− NFE5: updated symbol
229
Table 5−15, EMIFF/SDR SDRAM Interface Timing Requirements:
− added footnote about the CONF_VOLTAGE_SDRAM_R control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com