Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSP5022 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # RFSP5022
Description  5.15-5.85 GHz U-NII Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5022 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  RFSP5022 Datasheet HTML 1Page - ANADIGICS, Inc RFSP5022 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5022 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5022 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
05/2003
Preliminary
RFSP5022
5.15-5.85 GHz U-NII Power Amplifier
Applications
802.11a WLAN
HiperLAN/2 WLAN
U-NII fixed wireless equipment
GND
R
Functional Block Diagram
Product Description
The RFSP5022 power amplifier is a high-
performance GaAs HBT IC designed for use in
transmit applications in the 5.15-5.85 GHz
frequency band. With a P1dB of 25 dBm, the
device is ideal as a final stage for wireless LAN
applications requiring high transmit linearity. The
part demonstrates very low error vector magnitude
(EVM) at the full 54 Mbps data rate for 802.11a.
The input of the PA is matched to 50 ohms and the
output can be easily matched for optimum linearity
and power performance at the desired frequency of
operation between 5.15 and 5.85 GHz. The part
operates off a single +3.3V supply.
9
Input
Match
Bias
Bias
F IN
GND
RF OUT/
VCC3
RF OUT/
VCC3
RF OUT/
VCC3
1
2
3
8
7
12
11
10
4
5
6
Product Features
25 dBm P1dB@3.3V
23 dB gain
3.0 % EVM @ POUT = +19 dBm
with 54 Mbps OFDM signal
175 mA @ POUT = +19 dBm
with 54 Mbps OFDM signal
Single +3.3V supply voltage
Input matched to 50 ohms
PA power on/off logic
1.00
0.80
3.00
4
0.275
0.45
Pin 1
3x3 mm Package Outline
3.00
Index Area
1. All d
ensions are in millimeters, angles in
im
degrees.
0.225
0.35
12
2. The terminal #1 identifier and pad
1
numbering conventi
shall conform to
on
JESD 95-1 SPP-012
0.50 TYP
3. Lead coplanarity: 0.05 max.
0.05
1.80 SQ
4. Dimension applies to metalized pad and is
measur
between 0.25 and 0.30 MM from
ed
pad tip.
1.00
Top View
Side View
Bottom View
•
•
•
•
•
•
•
•
•
•


Similar Part No. - RFSP5022

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
RFSP5032RS32P0 ANADIGICS-RFSP5032RS32P0 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
RFSP5032RS32P6 ANADIGICS-RFSP5032RS32P6 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
RFSP5032RS32Q1 ANADIGICS-RFSP5032RS32Q1 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
More results

Similar Description - RFSP5022

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2550 FAIRCHILD-RMPA2550 Datasheet
838Kb / 14P
2.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
4.90-5.85 GHz InGaP HBT Linear Power Amplifier
logo
List of Unclassifed Man...
TAG-1030 ETC1-TAG-1030 Datasheet
490Kb / 2P
5.725 to 5.825 GHz MMIC U-NII Band Power Amplifier
logo
ANADIGICS, Inc
RFS1003 ANADIGICS-RFS1003 Datasheet
75Kb / 4P
5.1-5.9 GHz U-NII Power Amplifier
05/2003
logo
Pasternack Enterprises,...
PE-W137B002 PASTERNACK-PE-W137B002 Datasheet
329Kb / 2P
WR-137 Waveguide H-Bend with UG-344-U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137TF005-24 PASTERNACK-PE-W137TF005-24 Datasheet
393Kb / 4P
WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
PEWCP1071 PASTERNACK-PEWCP1071 Datasheet
409Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1074 PASTERNACK-PEWCP1074 Datasheet
410Kb / 5P
WR-137 50 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWAD5018 PASTERNACK-PEWAD5018 Datasheet
423Kb / 4P
WR-137 Waveguide Bulkhead Adapter UG-344/U Square Cover Flange, 5.85 GHz to 8.2 GHz
logo
Pulse A Technitrol Comp...
W5029X PULSE-W5029X Datasheet
785Kb / 11P
2.4 2.5 / 5.15 7.125 GHz Stick Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com