Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC72 Datasheet(PDF) 4 Page - Texas Instruments

Part # OMAP3530ECBC72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 Datasheet(HTML) 4 Page - Texas Instruments

  OMAP3530ECBC72 Datasheet HTML 1Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 2Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 3Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 4Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 5Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 6Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 7Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 8Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
1.3
Description
OMAP3530 and OMAP3525 devices are based on the enhanced OMAP 3 architecture.
The OMAP 3 architecture is designed to provide best-in-class video, image, and graphics processing
sufficient to support the following:
Streaming video
Video conferencing
High-resolution still image
The device supports high-level operating systems (HLOSs), such as:
Linux®
Windows® CE
Android™
This OMAP device includes state-of-the-art power-management techniques required for high-performance
mobile products.
The following subsystems are part of the device:
Microprocessor unit (MPU) subsystem based on the ARM Cortex-A8 microprocessor
IVA2.2 subsystem with a C64x+ digital signal processor (DSP) core
PowerVR SGX subsystem for 3D graphics acceleration to support display (OMAP3530 device only)
Camera image signal processor (ISP) that supports multiple formats and interfacing options connected
to a wide variety of image sensors
Display subsystem with a wide variety of features for multiple concurrent image manipulation, and a
programmable interface supporting a wide variety of displays. The display subsystem also supports
NTSC and PAL video out.
Level 3 (L3) and level 4 (L4) interconnects that provide high-bandwidth data transfers for multiple
initiators to the internal and external memory controllers and to on-chip peripherals
The device also offers:
A comprehensive power- and clock-management scheme that enables high-performance, low-power
operation, and ultralow-power standby features. The device also supports SmartReflex adaptative
voltage control. This power-management technique for automatic control of the operating voltage of a
module reduces the active power consumption.
Memory-stacking feature using the package-on-package (POP) implementation (CBB and CBC
packages only)
OMAP3530 and OMAP3525 devices are available in a 515-pin s-PBGA package (CBB suffix), 515-pin s-
PBGA package (CBC suffix), and a 423-pin s-PBGA package (CUS suffix). Some features of the CBB and
CBC packages are not available in the CUS package. (See Table 1-1 for package differences).
This data manual presents the electrical and mechanical specifications for the OMAP3530 and
OMAP3525 applications processors. The information in this data manual applies to both the commercial
and extended temperature versions of the OMAP3530 and OMAP3525 applications processors unless
otherwise indicated. This data manual consists of the following sections:
Section 2, Terminal Description: assignment, electrical characteristics, multiplexing, and functional
description
Section 3, Electrical Characteristics: power domains, operating conditions, power consumption, and
DC characteristics
Section 4, Clock Specifications: input and output clocks, DPLL and DLL
Section 5, Video DAC Specifications
Section 6, Timing Requirements and Switching Characteristics
Section 7, Package Characteristics: thermal characteristics, device nomenclature, and mechanical data
for available packaging
4
OMAP3530 and OMAP3525 Applications Processors
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com