Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBCA Datasheet(PDF) 100 Page - Texas Instruments

Part # OMAP3530ECBCA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBCA Datasheet(HTML) 100 Page - Texas Instruments

Back Button OMAP3530ECBCA Datasheet HTML 96Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 97Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 98Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 99Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 100Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 101Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 102Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 103Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-10. Video Interfaces – TV Signals Description
SIGNAL NAME
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
(CUS Pkg.)
tv_out1
TV analog output Composite: tv_out1
O
Y28
W26
AB24
tv_out2
TV analog output S-VIDEO: tv_out2
O
W28
V26
AA23
tv_vfb1
tv_vfb1: Feedback through external
AO
Y27
W25
AB23
resistor to composite
tv_vfb2
tv_vfb2: Feedback through external
AO
W27
U24
Y23
resistor to S-VIDEO
tv_vref
External capacitor
AO
W26
V23
Y24
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog).
100
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com