Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1863 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1863
Description  AM Radio System for Electronically Tuned Radios
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1863 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1863 Datasheet HTML 6Page - National Semiconductor (TI) LM1863 Datasheet HTML 7Page - National Semiconductor (TI) LM1863 Datasheet HTML 8Page - National Semiconductor (TI) LM1863 Datasheet HTML 9Page - National Semiconductor (TI) LM1863 Datasheet HTML 10Page - National Semiconductor (TI) LM1863 Datasheet HTML 11Page - National Semiconductor (TI) LM1863 Datasheet HTML 12Page - National Semiconductor (TI) LM1863 Datasheet HTML 13Page - National Semiconductor (TI) LM1863 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information (Continued)
teristics of the radio are determined by the design of this
stage Generally speaking it is very difficult to design an
integrated RF stage in bipolar as bipolar transistors do not
have good overload characteristics Thus the RF stage is
usually designed using discrete components Because of
this there is a great deal of concern with minimizing the
number of discrete components without severely sacrificing
performance The applications circuit RF stage does just
this
The circuit consists of only two active devices an N-chan-
nel JFET Q1 which is connected in a cascode type of con-
figuration with an NPN BJT Q2 Both Q1 and Q2 are varac-
tor tuned gain stages Q2 also serves to gain reduce Q1
when Q2’s base is pulled low by the RF AGC circuit on the
LM1863 The gain reduction occurs because Q1 is driven
into a low gain resistive region as its drain voltage is re-
duced R10 and C15 set the gain of the 1’st RF stage which
is kept high (about 19 dB) for good low signal signalnoise
performance The gain of the front end to the mixer input
referenced to the generator output is about a10 dB
T2 in conjunction with D1 C21 and C26 form the 1’st tuned
circuit C26 does not completely de-couple the RF signal at
the cathode of the varactor In fact the combination of C26
and C19 act to keep the gain of the whole RF stage con-
stant over the entire AM band Without special care in this
regard the gain variation could be as high as 14 dB This gain
variation would result from the increase in impedance at the
secondary’s of T2 and T1 as the tuned frequency is in-
creased The increased impedance results from a constant
QeRp(wL) of the tanks over the AM band With C26 and
C19 the gain is held constant to within 6 dB (including the
tracking error) over the entire AM band
C27 de-couples RF signal from the top of T2’s primary and
allows Q2 to operate properly C18 is a coupling capacitor
which in conjunction with C19 couples the signal from the
1’st RF stage to the 2’nd RF stage R20 acts to isolate this
signal from AC ground at C11 R19 acts in conjunction with
C12 to set a high frequency (ie non-dominant) RF AGC
pole which is important for low distortion when the RF AGC
is active The dominant RF AGC pole is set by R8 and C11
Q2 is a high beta transistor allowing for little voltage drop
across R20 and R8 due to base current This keeps the
emitter of Q2 sufficiently high (in the absence of RF AGC) to
bias Q1 in its square law region
R13 acts to reduce the 2’nd stage gain and increase Q2’s
signal handling R13 must not get too large however (ie
R13l100 X) or low level signalnoise will be degraded T3
in conjunction with C20 C27 and D2 form the 2’nd RF tuned
circuit The output of Q2 is capacitively coupled through C28
to the mixer input The output of Q2 is loaded not only by
the reflected secondary impedance but also by R22 R22 is
carefully chosen to load the 2’nd stage tuned circuit and
broaden its bandwidth The increased bandwidth of the 2’nd
stage greatly improves the cross modulation performance of
the front end In the absence of this increased bandwidth
the relatively large AC signals across varactor D2 result in
cross modulation R22 also reduces the total gain of the
2’nd stage R22 does slightly degrade (by about 6 dB) the
image rejection especially at the high end of the AM band
However the image rejection of this front end is still excel-
lent and 6 dB is a small price to pay for the greatly increased
immunity to cross modulation
R16 and C29 decouple unwanted signals on Va from being
coupled into the RF stage This front end also offers superi-
or performance with respect to varactor overload by strong
adjacent channels This results because of the way that
gain has been distributed between the 1’st and 2’nd stages
In summary this front end offers two stages of RF gain with
the 2’nd stage acting to gain reduce the 1’st stage when RF
AGC is active Furthermore a unique coupling scheme is
employed from the output of the 1’st stage to the input of
the 2’nd stage This coupling scheme equalizes the gain
from one end of the AM band to the other Additional care
has been taken to insure that excellent cross modulation
performance image rejection signal to noise performance
overload performance and low distortion are achieved Per-
formance characteristics for this front end in conjunction
with the LM1863 are shown in the data sheet Also informa-
tion with regard to the bandwidth of the front end versus
tuned frequency are given below
TUNED FREQUENCY
b
3 dB BANDWIDTH
530 kHz
66 kHz
600 kHz
72 kHz
1200 kHz
206 kHz
1500 kHz
264 kHz
1630 kHz
36 kHz
VARACTOR ALIGNMENT PROCEDURE
The following is a procedure which will allow you to properly
align the RF and local oscillator trim capacitors and coils to
insure proper tracking across the AM band
1 Set the voltage across the varactorse1 volt
2 Set the trimmers to 50%
3 Adjust the oscillator coil until the local oscillator is at 980
kHz
4 Increase the varactor voltage until the local oscillator
(L0) is at 2060 kHz and check to see if this voltage is less
than 95 volts but greater than 75 volts If it is then the
L0 is aligned If it is not then adjust the L0 coiltrimmer
until the varactor voltage falls in this range
5 Set the RF in to 600 kHz and adjust the tuning voltage
until the L0 is at 1050 kHz Peak all RF coils for maxi-
mum recovered audio at low input levels
6 Set RF in to 1500 kHz and adjust the tuning voltage until
the L0 is at 1950 kHz Peak all RF trim capacitors for
maximum recovered audio at low input levels
7 Go back to step 5 and iterate for best adjustment
8 Check the radio gain at 530 kHz and 750 kHz to make
sure that the gain is about the same at these two fre-
quencys If it is not then slightly adjust the RF coils until
it is
The above procedure will insure perfect tracking at 600 kHz
950 kHz and 1500 kHz The amount of gain variation across
the AM band using the above procedure should not exceed
6 dB
ADDITIONAL INFORMATION
R5 and C7 act as a low pass filter to remove most of the
residual 450 kHz IF signal from the audio output Some re-
sidual 450 kHz signal is still present however and may
need to be further removed prior to audio amplification This
need becomes more important when the LM1863 is used in
conjunction with a loopstick antenna which might pick up an
amplified 450 kHz signal An additional pole can be added
to the audio output after R5 and C7 prior to audio amplifica-
tion if further reduction of the 450 kHz component is re-
quired
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com