Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2801 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WCS2801
Description  Low noise analog signal path
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2801 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WCS2801 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2801 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WCS2801
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2016/10/12
ABSOLUTE MAXIMUM RATING:
Supply Voltage, Vdd ------------------
Pass Current IP -------------------------
Pass Current (10ms pulse) Ipulse -
Output Current Sink ------------------
Output Current Source --------------
Conductor Isolation Voltage --------
Operating Temperature Range Ta -
Storage Temperature Range Ts ----
Power Dissipation Pd -----------------
14V
2.5A
5A
0.4mA
2mA
1000V
-20 ℃
~
+125 ℃
-65 ℃
~
+150 ℃
1W
Function Block:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com