Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHF Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HHF
Description  Automotive in-line fuse holders for ATC짰 blade fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HHF Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HHF Datasheet HTML 1Page - Cooper Bussmann, Inc. HHF Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data 2107
Effective June 2016
Follow us on social media to get the
latest product and support information.
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Eaton, Bussmann, ATC and
easyID are
valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 2107 – SB03020
June 2016
Automotive in-line fuseholder
for ATC® blade-type fuses
Electrical ratings
Catalog symbol
Description
Fuse size
Electrical connection
Maximum continuous
current rating
HHC
Yellow fuse holder
3-20 A
5” long, #16 black leadwire
16 A*
HHD
Black fuse holder
3-30 A
4” long, #12 yellow leadwire
24 A*
HHF
Holder with protective cover
3-20 A
4” long, #16 yellow leadwire
16 A*
HHG
Heavy-duty holder with cover
3-30 A
4” long, #12 yellow leadwire
24 A*
HHR
Heavy-duty water-resistant holder
3-30 A
5” long, #2 red leadwire
24 A*
ATC-FHID
EasyID illuminating holder with cover
3-20 A
6” long, #16 black leadwire
16 A*
* Or 80% of fuse rating, whichever is less.
Packaging options
Catalog No.
Description
Quantity per
pack
Quantity per
shelf carton
Quantity per
master carton
HHC
Traditional pack
1
10
200
BK/HHC
Bulk pack
—
—
100
BP/HHC-RP
Retail pack
1
5
120
HHD
Traditional pack
1
10
200
BK/HHD
Bulk pack
—
—
100
BP/HHD-RP
Retail pack
1
5
120
BP/HHD-30-RP*
Retail pack
1
5
120
HHF
Traditional pack
1
10
200
BP/HHF-RP
Retail pack
1
5
120
HHG
Traditional pack
1
10
200
BK/HHG
Bulk pack
—
—
100
BP/HHG-RP
Retail pack
1
5
120
* With 30A ATC fuse.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com