Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICF Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ICF
Description  Wide Input 1000 Watt Isolated Full Brick DC-DC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICF Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ICF Datasheet HTML 1Page - Murata Power Solutions Inc. ICF Datasheet HTML 2Page - Murata Power Solutions Inc. ICF Datasheet HTML 3Page - Murata Power Solutions Inc. ICF Datasheet HTML 4Page - Murata Power Solutions Inc. ICF Datasheet HTML 5Page - Murata Power Solutions Inc. ICF Datasheet HTML 6Page - Murata Power Solutions Inc. ICF Datasheet HTML 7Page - Murata Power Solutions Inc. ICF Datasheet HTML 8Page - Murata Power Solutions Inc. ICF Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.murata-ps.com/support
MDC_ICF_A01 Page 2 of 16
ICF Series
Wide Input 1000 Watt Isolated Full Brick DC-DC
Electrical Specifications – All Models
Conditions: TA = 25 ºC, Airflow = 300 LFM (1.5 m/s), Vin = 24VDC, unless otherwise specified. Specifications are subject to change without notice.
Parameter
Notes
Min
Typ
Max
Units
Absolute Maximum Ratings
Input Voltage
Continuous
0
40
V
Transient (100ms)
50
V
Operating Temperature
(See Note 1)
Baseplate (100% load) Standard model
-40
105
°C
Baseplate (100% load) “T” model
-55
105
°C
Storage Temperature
-55
125
°C
Isolation Characteristics and Safety
Isolation Voltage
Input to Output
2250
V
Input to Baseplate & Output to Baseplate
1500
V
Isolation Capacitance
9000
pF
Isolation Resistance
10
20
MΩ
Insulation Safety Rating
Basic
Designed to meet UL/cUL 60950, IEC/EN60950-1
Feature Characteristics
Fixed Switching Frequency
200
kHz
Input Current and Output Voltage Ripple
400
kHz
Output Voltage Trim Range
Adjustable via TRIM (Pin 12)
-40
+10
%
Remote Sense Compensation
Between each SENSE input and its corresponding
OUT pin
1
V
Output Overvoltage Protection
Non-latching
114
119
130
%
Overtemperature Shutdown (Baseplate)
Non-latching
110
115
120
°C
Auto-Restart Period
Applies to all protection features
1.7
2
2.3
s
Turn-On Time from Vin
Time from UVLO to Vo=90%VOUT(NOM)
Resistive load
480
517
530
ms
Turn-On Time from ON/OFF Control
Time from ON to Vo=90%VOUT(NOM)
Resistive load
15
22
30
ms
Rise Time
Vout from 10% to 90%
4
7.5
11
ms
ON/OFF Control – Positive Logic
ON state
Pin open = ON or
2
12
V
Control Current
Leakage current
0.16
mA
OFF state
0
0.8
V
Control current
Sinking
0.3
0.36
mA
ON/OFF Control – Negative Logic
ON state
Pin shorted to – ON/OFF pin or
0
0.8
V
OFF state
Pin open = OFF or
2
12
V
Thermal Characteristics
Thermal resistance Baseplate to Ambient
Converter soldered to 5” x 3.5” x 0.07”,
4 layer/2Oz copper FR4 PCB.
3.3
°C/W
1. A thermal management device, such as a heatsink, is required to ensure proper operation of this device. The thermal management medium is required to
maintain baseplate < 105ºC for full rated power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com