Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBR340
Description  SCHOTTKY DIE SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBR340 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBR340 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHOTTKY DIE SPECIFICATION
TYPE: MBR340
40 V 3 A (Low Ir)
Single Anode
SYM
Die Sort UNIT
DC Blocking Voltage:
Ir=1mA(for wafer form)
VRRM
42.5
Volt
Ir=0.5mA (for dice form)
IFAV
Amp
VF MAX
0.55
Volt
IR MAX
0.08
mA
Cj MAX
pF
IFSM
Amp
Tj
°C
TSTG
°C
Specification apply to die only. Actual performance may degrade when assembled.
MEMT does not guarantee device performance after assembly.
Data sheet information is subjected to change without notice.
DIM
um
2
Mil
2
A
1524
60.00
B
1424
56.1
C
1444
56.9
D
254
10
305
12
Micro-Electro-Magnetical Tech Co.
Spec. Limit
40
3
Thickness (Max)
0.1
Top Metal Pad Size
Passivation Seal
Thickness (Min)
PS:
(1)Cutting street width is around 80um(3.14mil).
(2)Both of top-side and back-side metals are Ti/Ni/Ag.
General Description:
80
-65 to +125
-65 to +125
0.56
@ 3 Amperes,Ta= 25°C
Maximum Instantaneous Reverse Voltage
VR= 40 Volt, Ta=25°C
ELECTRICAL CHARACTERISTICS
Average Rectified Forward Current
Maximum Instantaneous Forward Voltage
Maximum Junction Capacitance @ 0V, 1MHZ
MAXIMUM RATINGS
Nonrepetitive Peak Surge Current
Operating Junction Temperature
Storage Temperatures
ITEM
Die Size
DICE OUTLINE DRAWING
B
C
A
Top-side Metal
D
SiO2 Passivation
P+ Guard Ring
Back-side Metal


Similar Part No. - MBR340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR340 IRF-MBR340 Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Motorola, Inc
MBR340 MOTOROLA-MBR340 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
60Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 7
logo
Vishay Siliconix
MBR340 VISHAY-MBR340 Datasheet
83Kb / 5P
Schottky Rectifier, 3 A
06-Nov-08
More results

Similar Description - MBR340

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
256Mb E-die SDRAM Specification
logo
List of Unclassifed Man...
MBR2100 ETC-MBR2100 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
MBR240 ETC-MBR240 Datasheet
11Kb / 1P
SCHOTTKY DIE SPECIFICATION
MBR5100 ETC-MBR5100 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
Samsung semiconductor
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
128Mb F-die SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
512Mb B-die SDRAM Specification
logo
List of Unclassifed Man...
MB145 ETC1-MB145 Datasheet
27Kb / 1P
SCHOTTKY DIE SPECIFICATION
SMBR240 ETC1-SMBR240 Datasheet
15Kb / 1P
SCHOTTKY DIE SPECIFICATION
MBR560 ETC2-MBR560 Datasheet
15Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
Samsung semiconductor
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
256Mb J-die SDRAM Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com