Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW149 Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW149
Description  ITE / Switch Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW149 Datasheet(HTML) 2 Page - SL Power Electronics

  PW149 Datasheet HTML 1Page - SL Power Electronics PW149 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PW149RB
Universal 12 Watt Series
ITE / Switch Mode Power Supply
Output
Max
Ault Part Number
Voltage
Min
Max
Watts
PW149RB05XXX01
5V
0.00A
2.00A
10.0W
PW149RB09XXX01
9V
0.00A
1.30A
12.0W
PW149RB12XXX01
12V
0.00A
1.00A
12.0W
PW149RB15XXX01
15V
0.00A
0.80A
12.0W
PW149RB18XXX01
18V
0.00A
0.67A
12.0W
PW149RB24XXX01
24V
0.00A
0.50A
12.0W
PW149RB33XXX01
33V
0.00A
0.36A
12.0W
PW149RB48XXX01
48V
0.00A
0.25A
12.0W
Output Currents
PinoutCode
Centercontact:positive
Description
Switchcraft760plugorequivalent
SuggestedMating
Switchcraft712Ajackorequivalent
OtherConnectorsareavailablebyspecialorder
Pin Connections
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.6/9/08
PW149
R
B
48
XX
X
01
Product
Manufacturing
Design
Voltage
Connector
Input
Standard
Family
Location
Revision
DC
Number
Configuration/
(nomodifications
Name
Changes
ModelType
orspecialpackaging)
Ault Part Number Key
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
TheEnergyIndependenceandSecurityActof2007waspassedinDecember
of2007andaddressesminimumefficiencystandardsandstandbylevels
forClassAexternalpowersuppliesthatare250wattsandunder.Thislaw
stipulatesthatexternalpowersuppliesmanufacturedonJuly1,2008and
beyondmeetcertainminimumefficiencyandstandbycriteriaasdefined
below.
MinimumEfficiencyCriteria
Activemodeisdefinedaswhenapowersupply’sinputisconnectedtoline
voltageACanditsoutputisconnectedtoaDCorACloaddrawingaportion
oftheproduct’spoweroutput.Dependingonthepowerratingforthepower
supply,itmustmeettheminimumefficiencycriteriaoutlinedbelow.
Energy-EfficiencyCriteriaforActiveMode:
outputpoweron
minimumaverage
adapterlabel
efficiencypercentage
0to≤lessthan1watt
≥0.50*outputpoweronadapterlabel
>1to≤51watts
≥[0.09*Ln(outputpoweronadapter
label)]+0.50
>51watts
≥0.85
Thepowersupplymustalsomeetarequirementforwhenitsinputis
connectedtoalinevoltageACbutitsoutputisnotconnectedtoaload.
Dependingonthepoweroutputofthesupply,itmustkeepitsenergy
consumptionbelowthefollowingvalues.
EnergyConsumptionCriteriaforNoLoadMode:
outputpoweron
maximumpowerconsumption
adapterlabel
inno-loadmode
0to<250watts
≤0.5watts
2007 Energy Independence and Security Act – EISA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com