Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1025FA4-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 1025FA4-R
Description  Brick??Fuses 1025FA Series, Fast-Acting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1025FA4-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  1025FA4-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 1025FA4-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast-acting surface-mount fuse
• Satisfies the EIA/IS-722 Standard
• Solder immersion compatible
Note: 30vde constant current source required for 200%
overload tests on 250mA-1A.
Agency Information
• UL Recognition Guide & File numbers:
JDYX2 & E19180 (250mA - 15A)
• CSA Component Acceptance:
File # 053787 C000, Class # 1422 30
Environmental Data
• Life test: MIL-STD-202, Method 108A, Test Condition D
• Load humidity: MIL-STD-202, Method 103B
• Moisture resistance: MIL-STD-202, Method 106E
• Terminal strength: MIL-STD-202, Method 211A
• Thermal shock: MIL-STD-202, Method 107D, air-to-air
• Case resistance: EIA/IS-722
• Resistance to dissolution of metallization:
ANSI J-STD-002, Test D
• Mechanical shock: MIL-STD-202, Method 213B with
exceptions per EIA/IS-722 Standard
• High frequency vibration: MIL-STD-202, Method 204D,
Test Condition D
• Resistance to solvents: MIL-STD-202, Method 215A
Ordering
• Specify packaging and product code
(i.e., TR2/1025FA250-R)
Soldering Method
• Wave solder: 260°C, 10 Sec max.
• Infrared reflow: 260°C, 30 Sec max.
3.30
(0.130)
4.38
(0.172)
6.79
(0.267)
Recomended Pad Layout – mm (in)
Dimensions – mm/in
Drawing Not to Scale
Electrical Characteristics
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200% (250mA-5A)
5 Seconds Maximum
250% (250mA-5A fuse)
1 Second Maximum
200% (7-15A fuse)
20 Seconds Maximum
250% (7-15A fuse)
4 Seconds Maximum
Specifications
Current
Voltage
Interrupting
DC Cold
Typical
Typical
Product Code
Rating
Rating
Rating (amps)*
Resistance** (
Ω)
Melting
Voltage
(amps)
AC
DC
250Vac 125Vdc 60Vdc
Typical
I
2t†
Drop‡
1025FA250-R
250mA
250V
125V
50
50
-
4.7500
0.1212
2019mV
1025FA500-R
500mA
250V
125V
50
50
-
1.1500
0.0415
1500mV
1025FA750-R
750mA
250V
125V
50
50
-
0.5550
0.143
880mV
1025FA1-R
1
250V
125V
50
50
-
0.2800
1.750
560mV
1025FA1.5-R
1.5
250V
125V
50
50
-
0.1140
1.460
260mV
1025FA2-R
2
250V
125V
50
50
-
0.0750
6.086
258mV
1025FA2.5-R
2.5
250V
125V
50
50
-
0.0510
8.48
232mV
1025FA3-R
3
250V
125V
50
50
-
0.0384
18.15
205mV
1025FA3.5-R
3.5
250V
125V
50
50
-
0.0305
17.83
185mV
1025FA4-R
4
250V
125V
50
50
-
0.0275
23.32
190mV
1025FA5-R
5
250V
125V
50
50
-
0.0195
38.74
180mV
1025FA7-R
7
250V
60V
50
-
50
0.0116
138
150mV
1025FA10-R
10
250V
60V
50
-
50
0.0072
457
146mV
1025FA12-R
12
250V
60V
50
-
50
0.0056
498
120mV
1025FA15-R
15
250V
60V
50
-
50
0.0039
1451
110mV
*
AC interrupting rating (measured at designated voltage, 100% power factor random closing); DC interrupting rating (measured at designated voltage, time constant of
less than 50 microseconds, battery source)
** DC cold resistance (measured at
≤10% of rated current)
† Typical Melting I2t (measured with a battery bank at rated DC voltage, 10x-rated current, but not exceeding the interrupting rating. Time constant of calibrated circuit less
than 50 microseconds). Test current not to exceed interrupting rating of 50A.
‡ Typical voltage drop (measured at rated current after temperature stabilizes)
• Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at
elevated ambient temperatures.
Brick™ Fuses
1025FA Series, Fast-Acting
0308
BU-SB08026
Page 1 of 2
Data Sheet 4322


Similar Part No. - 1025FA4-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
1025FA4-R EATON-1025FA4-R Datasheet
515Kb / 2P
Fast-acting surface mount fuse
More results

Similar Description - 1025FA4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
CB61F4A-TR1 COOPER-CB61F4A-TR1 Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses CB61F Series
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
Fast-Acting SMD Brick Fuses CB61F Series
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
Fast-acting surface mount Brick??fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com