Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33055IDEVB Datasheet(PDF) 4 Page - Exar Corporation

Part # XR33055IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33055IDEVB Datasheet(HTML) 4 Page - Exar Corporation

  XR33055IDEVB Datasheet HTML 1Page - Exar Corporation XR33055IDEVB Datasheet HTML 2Page - Exar Corporation XR33055IDEVB Datasheet HTML 3Page - Exar Corporation XR33055IDEVB Datasheet HTML 4Page - Exar Corporation XR33055IDEVB Datasheet HTML 5Page - Exar Corporation XR33055IDEVB Datasheet HTML 6Page - Exar Corporation XR33055IDEVB Datasheet HTML 7Page - Exar Corporation XR33055IDEVB Datasheet HTML 8Page - Exar Corporation XR33055IDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
XR
33052/53/55/58
4/18
REV2A
Electrical Characteristics (Continued)
Unless otherwise noted: VCC = 3.0V to 5.5V, TA = TMIN to TMAX. Typical values are at VCC = 5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver Thermal Characteristics
TTS
Thermal shutdown temperature
Junction temperature(1)
175
°C
TTSH
Thermal shutdown hysteresis(1)
15
°C
Receiver DC Characteristics
VSTH
Receiver differential input signal
threshold voltage (VA - VB)
-25V ≤ VOUT ≤ 25V
±85
±200
mV
∆VSTH
Receiver differential input signal hysteresis
170
mV
VFSTH-
Negative going receiver differential input
fail-safe threshold voltage (VA - VB)
-25V ≤ VOUT ≤ 25V
-200
-125
-40
mV
VFSTH+
Positive going receiver differential input
fail-safe threshold voltage (VA - VB)
-25V ≤ VOUT ≤ 25V
-100
-10
mV
∆VFSTH
Receiver differential input
fail-safe hysteresis
25
mV
VOH
Receiver output high voltage (RO)
IOUT = -4mA
VCC - 0.6
V
VOL
Receiver output low voltage (RO)
IOUT = 4mA
0.4
V
IOZR
High-Z receiver output current
0V ≤ VOUT ≤ VCC
±1
µA
RIN
RX input resistance
-25V ≤ VCM ≤ 25V, XR33052/53/55
120
kΩ
-25V ≤ VCM ≤ 25V, XR33058
30
kΩ
IOSC
RX output short-circuit current
0V ≤ VRO ≤ VCC
110
mA
Supply Current
ICC
Supply current
No load, RE = 0V or VCC, DE = VCC,
DI = 0V or VCC
4
mA
ISHDN
Supply current in shutdown mode
RE = VCC, DE = 0V
0.001
1
µA
ESD Protection
ESD protection for A, B, Y, and Z
Human body model
±15
kV
ESD protection for all other pins
Human body model
±4
kV
NOTE:
1. This spec is guaranteed by design and bench characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com