Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1868 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1868
Description  Radio System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1868 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1868 Datasheet HTML 1Page - National Semiconductor (TI) LM1868 Datasheet HTML 2Page - National Semiconductor (TI) LM1868 Datasheet HTML 3Page - National Semiconductor (TI) LM1868 Datasheet HTML 4Page - National Semiconductor (TI) LM1868 Datasheet HTML 5Page - National Semiconductor (TI) LM1868 Datasheet HTML 6Page - National Semiconductor (TI) LM1868 Datasheet HTML 7Page - National Semiconductor (TI) LM1868 Datasheet HTML 8Page - National Semiconductor (TI) LM1868 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Pin 19)
15V
Package Dissipation
20W
Above TA e 25 C Derate Based on
TJ(MAX) e 150 C and iJA e 60 CW
Storage Temperature Range
b
55 Cto a150 C
Operating Temperature Range
0 Cto a70 C
Lead Temperature (Soldering 10 sec)
260 C
Electrical Characteristics Test Circuit TA e 25 C VS e 9V RL e 8X (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
STATIC CHARACTERISTICS
eAM e 0 eFM e 0
Supply Current
AM Mode S1 in Position 1
22
30
mA
Regulator Output Voltage (Pin 16)
35
39
48
V
Operating Voltage Range
45
15
DYNAMIC CHARACTERISTICSAM MODE
fAM e 1 MHz fmod e 1 kHz 30% Modulation S1 in Position 1 PO e 50 mW unless noted
Maximum Sensitivity
Measure eAM for PO e 50 mW
816
m
V
Maximum Volume
Signal-to-Noise
eAM e 10 mV
40
50
dB
Detector Output
eAM e 1mV
40
60
85
mV
Measure at Top of Volume Control
Overload Distortion
eAM e 50 mV 80% Modulation
2
10
%
Total Harmonic Distortion (THD)
eAM e 10 mV
11
2
%
DYNAMIC CHARACTERISTICSFM MODE
fFM e 107 MHz fmod e 400 Hz Df e g75 kHz PO e 50 mW S1 in Position 1
b
3 dB Limiting Sensitivity
15
45
m
V
Signal-to-Noise Ratio
eFM e 10 mV
50
64
dB
Detector Output
eFM e 10 mV Df e g225 kHz
40
60
85
mV
Measure at Top of Volume Control
AM Rejection
eFM e 10 mV 30% AM Modulation
40
50
dB
Total Harmonic Distortion (THD)
eFM e 10 mV
11
2
%
DYNAMIC CHARACTERISTICSAUDIO AMPLIFIER ONLY
f e 1 kHz eAM e 0 eFM e 0 S1 in Position 2
Power Output
THD e 10% RL 8X
VS e 6V
250
325
mW
VS e 9V
500
700
mW
Bandwidth
AM Mode PO e 50 mW
11
kHz
FM Mode PO e 50 mW
22
kHz
Total Harmonic Distortion (THD)
PO e 50 mW FM Mode
02
%
Voltage Gain
41
dB
Typical Performance Characteristics (Test Circuit) All curves are measured at audio output
vs Voltage
Quiescent Supply Current
FM Limiting Characteristics
FM IF AM Rejection
TLH7909 – 2
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com