Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1710 Datasheet(PDF) 21 Page - Microchip Technology

Part # PAC1710
Description  Single and Dual High-Side Current-Sense Monitor with Power Calculation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1710 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PAC1710 Datasheet HTML 17Page - Microchip Technology PAC1710 Datasheet HTML 18Page - Microchip Technology PAC1710 Datasheet HTML 19Page - Microchip Technology PAC1710 Datasheet HTML 20Page - Microchip Technology PAC1710 Datasheet HTML 21Page - Microchip Technology PAC1710 Datasheet HTML 22Page - Microchip Technology PAC1710 Datasheet HTML 23Page - Microchip Technology PAC1710 Datasheet HTML 24Page - Microchip Technology PAC1710 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
 2015-2016 Microchip Technology Inc.
DS20005386B-page 21
PAC1710/20
5.2.5
ALERT RESPONSE ADDRESS
The ALERT output can be used as a processor
interrupt or as an SMBus Alert when configured to
operate as an interrupt.
When it detects that the ALERT pin is asserted, the
host will send the Alert Response Address (ARA) to the
general address of 0001_100xb. All devices with
active interrupts will respond with their client address,
as shown in Table 5-7.
The PAC1710/20 will respond to the ARA in the
following way if the ALERT pin is asserted:
• Send Slave Address and verify that full slave
address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due
to a bus contention event).
• Set the MASK bit to clear the ALERT pin.
5.3
I2C Protocols
The PAC1710/20 supports I2C Block Read and Block
Write.
The protocols listed below use the convention in
Table 5-1.
5.3.1
BLOCK WRITE
The Block Write is used to write multiple data bytes to
a group of contiguous registers, as shown in Table 5-8.
TABLE 5-7:
ALERT RESPONSE ADDRESS PROTOCOL
START
Alert Response Address
RD
ACK
Device Address
NACK
STOP
1 0
0001_100
1
0
YYYY_YYY
1
0 1
TABLE 5-8:
BLOCK WRITE PROTOCOL
START
Slave
Address
WR
ACK
Register
Address
ACK
Register Data
ACK
1 0
YYYY_YYY
0
0
XXh
0
XXh
0
Register
Data
ACK
Register
Data
ACK
Register
Address
Register
Data
ACK
STOP
XXh
0
XXh
0
XXh
0
0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com