Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331MDBVTEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL331MDBVTEP
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331MDBVTEP Datasheet(HTML) 4 Page - Texas Instruments

  TL331MDBVTEP Datasheet HTML 1Page - Texas Instruments TL331MDBVTEP Datasheet HTML 2Page - Texas Instruments TL331MDBVTEP Datasheet HTML 3Page - Texas Instruments TL331MDBVTEP Datasheet HTML 4Page - Texas Instruments TL331MDBVTEP Datasheet HTML 5Page - Texas Instruments TL331MDBVTEP Datasheet HTML 6Page - Texas Instruments TL331MDBVTEP Datasheet HTML 7Page - Texas Instruments TL331MDBVTEP Datasheet HTML 8Page - Texas Instruments TL331MDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TL331-EP
SLVSBU6 – JUNE 2013
www.ti.com
SWITCHING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
100-mV input step with 5-mV overdrive
1.3
Response time
RL connected to 5 V through 5.1 kΩ, CL = 15 pF
(1) (2)
μs
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TL331-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com