Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C550 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C550
Description  Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C550 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C550 Datasheet HTML 9Page - NXP Semiconductors SC16C550 Datasheet HTML 10Page - NXP Semiconductors SC16C550 Datasheet HTML 11Page - NXP Semiconductors SC16C550 Datasheet HTML 12Page - NXP Semiconductors SC16C550 Datasheet HTML 13Page - NXP Semiconductors SC16C550 Datasheet HTML 14Page - NXP Semiconductors SC16C550 Datasheet HTML 15Page - NXP Semiconductors SC16C550 Datasheet HTML 16Page - NXP Semiconductors SC16C550 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Philips Semiconductors
SC16C550
UART with 16-byte FIFO and IrDA encoder/decoder
Product data
Rev. 05 — 19 June 2003
13 of 52
9397 750 11619
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.4 Software flow control
When software flow control is enabled, the SC16C550 compares one or two
sequential receive data characters with the programmed Xon or Xoff character
value(s). If receive character(s) (RX) match the programmed values, the SC16C550
will halt transmission (TX) as soon as the current character(s) has completed
transmission. When a match occurs, the receive ready (if enabled via Xoff IER[5])
flags will be set and the interrupt output pin (if receive interrupt is enabled) will be
activated. Following a suspension due to a match of the Xoff characters’ values, the
SC16C550 will monitor the receive data stream for a match to the Xon1,2 character
value(s). If a match is found, the SC16C550 will resume operation and clear the flags
(ISR[4]).
Reset initially sets the contents of the Xon/Xoff 8-bit flow control registers to a logic 0.
Following reset, the user can write any Xon/Xoff value desired for software flow
control. Different conditions can be set to detect Xon/Xoff characters and
suspend/resume transmissions. When double 8-bit Xon/Xoff characters are selected,
the SC16C550 compares two consecutive receive characters with two software flow
control 8-bit values (Xon1, Xon2, Xoff1, Xoff2) and controls TX transmissions
accordingly. Under the above described flow control mechanisms, flow control
characters are not placed (stacked) in the user accessible RX data buffer or FIFO.
When using a software flow control the Xon/Xoff characters cannot be used for data
transfer.
In the event that the receive buffer is overfilling and flow control needs to be executed,
the SC16C550 automatically sends an Xoff message (when enabled) via the serial
TX output to the remote modem. The SC16C550 sends the Xoff1,2 characters as
soon as received data passes the programmed trigger level. To clear this condition,
the SC16C550 will transmit the programmed Xon1,2 characters as soon as receive
data drops below the programmed trigger level.
(1) RTS is de-asserted when the receiver receives the first data bit of the sixteenth byte. The receive FIFO is full after finishing
the sixteenth byte.
(2) RTS is asserted again when there is at least one byte of space available and no incoming byte is in processing, or there is
more than one byte of space available.
(3) When the receive FIFO is full, the first receive buffer register read re-asserts RTS.
Fig 8.
RTS functional timing waveforms, RCV FIFO trigger level = 14 bytes.
BYTE 14
BYTE 15
RX
RTS
IOR
(RD RBR)
START
BYTE 18
STOP
START
BYTE 16
STOP
RTS RELEASED AFTER THE
FIRST DATA BIT OF BYTE 16
002aaa051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com