Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB115 Datasheet(PDF) 4 Page - SL Power Electronics

Part # LB115
Description  115W Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115 Datasheet(HTML) 4 Page - SL Power Electronics

  LB115 Datasheet HTML 1Page - SL Power Electronics LB115 Datasheet HTML 2Page - SL Power Electronics LB115 Datasheet HTML 3Page - SL Power Electronics LB115 Datasheet HTML 4Page - SL Power Electronics LB115 Datasheet HTML 5Page - SL Power Electronics LB115 Datasheet HTML 6Page - SL Power Electronics LB115 Datasheet HTML 7Page - SL Power Electronics LB115 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
4
EMI/EMC Compliance
PARAMETER
SPECIFICATION
NOTES
Conducted Emissions:
EN55011/22 Class B; FCC Part 15
Also meets EN55015 Class B
Radiated Emissions:
EN55011/22 Class A; FCC Part 15
Harmonic Current
Emissions
EN61000-3-2, Class A,B,C &D
Meets class C from 5 to 115 Watts.
This is based on limits set @ 115 Watt
Voltage Fluctuations &
Flicker
EN61000-3-3
Static Discharge
Immunity:
EN61000-4-2, Level 4: 6kV contact, 8kV air,
Criteria A
Performance criteria are defined as
following:
A – Normal performance
during and after the test
B – Temporary degradation,
self-recoverable
C – Temporary degradation,
operator intervention required
to recover the operation
RF Field Susceptibility
EN61000-4-3, Level 3 (3V/m), Criteria A
Fast Transients/Bursts
EN61000-4-4, Level 3 (PS: 2kV-40A, other
lines 1kV-20A), Criteria A
Surge susceptibility
EN61000-4-5, Installation Class 3 (1kV diff.
mode, 2kV common mode), Criteria A
Conducted RF
susceptibility
EN61000-4-6, Level 3 (3Vrms), Criteria A
Power Frequency
Magnetic Field Test
EN61000-4-8, Level 3 (3A/m), Criteria A
Voltage Sags & Surges
EN61000-4-11,
95% dip/0.5 cycle (Criteria A),
60%/5cycles (Criteria B ), 30%/25 cycles
(Criteria A).
loading is 70% of 100 watts with 100 Vac
input.
Notes:
1. Specifications subject to change without notice.
2. Specifications are for convection rating at factory settings with 115Vac input and 25°C ambient unless
otherwise stated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com