Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB962-Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB962-Z
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB962-Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB962-Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB962-Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SB962-Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
VCE(sat)NOTE
Collector-Emitter Saturation Voltage
IC= -2.0A; IB= -200mA
-0.5
V
VBE(sat)NOTE
Base-Emitter Saturation Voltage
IC= -2.0A; IB= -200mA
-2.0
V
IEBO
Emitter Cutoff Current
VEB= -3V; IC= 0
-1.0
μ
A
ICBO
Collector Cutoff Current
VCB= -30V; IE= 0
-10
μ
A
hFE1NOTE
DC Current Gain
IC= -1A; VCE= -2V
60
400
hFE2NOTE
DC Current Gain
IC= -20mA; VCE= -2V
30
fT
Transition frequency
VCE=-5V ,IC=-100mA
80
MHz
Cob
Collector output capacitance
VCB=-10V ,IE=0,f=1MHz
55
pF
NOTE:Pulse test PW≤350us,duty cycle ≤2%
hFE1 Classifications
R
Q
P
E
60-120
100-200 160-320 200-400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com