Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7614TD Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7614TD
Description  15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7614TD Datasheet(HTML) 2 Page - Exar Corporation

  MP7614TD Datasheet HTML 1Page - Exar Corporation MP7614TD Datasheet HTML 2Page - Exar Corporation MP7614TD Datasheet HTML 3Page - Exar Corporation MP7614TD Datasheet HTML 4Page - Exar Corporation MP7614TD Datasheet HTML 5Page - Exar Corporation MP7614TD Datasheet HTML 6Page - Exar Corporation MP7614TD Datasheet HTML 7Page - Exar Corporation MP7614TD Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP7614
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7614KD
Ceramic Dip
MP7614TD*
Plastic Dip
MP7614JN
Plastic Dip
MP7614KN
–40 to +85
°C
–55 to +125
°C
+4
+2
+2
+2
+0.8
+0.8
+0.8
+0.8
+4
+2
+2
+2
–40 to +85
°C
–40 to +85
°C
SOIC
MP7614KS
+0.8
–40 to +85
°C
+2+2
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 14 (LSB)
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
20 Pin CDIP, PDIP (0.300”)
D20, N20
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IOUT1
IOUT2
RFB
VREF
VDD
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
20 Pin SOIC (Jedec, 0.300”)
S20
BIT 14 (LSB)
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
RFB
VREF
VDD
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
IOUT1
IOUT2
See Packaging Section for Package Dimensions
1IOUT1
Current Output 1
2IOUT2
Current Output 2
3
GND
Ground
4
BIT 1
Data Input Bit 1 (MSB)
5
BIT 2
Data Input Bit 2
6
BIT 3
Data Input Bit 3
7
BIT 4
Data Input Bit 4
8
BIT 5
Data Input Bit 5
9
BIT 6
Data Input Bit 6
10
BIT 7
Data Input Bit 7
PIN OUT DEFINITIONS
PIN NO.
NAME
DESCRIPTION
11
BIT 8
Data Input Bit 8
12
BIT 9
Data Input Bit 9
13
BIT 10
Data Input Bit 10
14
BIT 11
Data Input Bit 11
15
BIT 12
Data Input Bit 12
16
BIT 13
Data Input Bit 13
17
BIT 14
Data Input Bit 14 (LSB)
18
VDD
Positive Power Supply
19
VREF
Reference Input Voltage
20
RFB
Internal Feedback Resistor
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com