Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7680 Datasheet(PDF) 11 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation MP7680 Datasheet HTML 10Page - Exar Corporation MP7680 Datasheet HTML 11Page - Exar Corporation MP7680 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP7680
11
Rev. 3.10
+
Figure 10. Digitally
Programmable
Quad Voltage Output + 10 V, + 5 V
0 V to -10 V
DAC A
+
0 V to +10 V
DAC B
+
+
0 V to +5 V
DAC C
0 V to -5 V
DAC D
8
9
10
13
12
11
28
29
30
33
32
31
+
REF01
6
2
4
5k
10k
10k
+10 V
7
10 V
14
+10 V
+15 V
+
6
4
2
10k
10k
5 V
27
34
REF02
5k
+5 V
+15 V
+5 V
RFBA
IOUT1A
IOUT2A
RFBB
IOUT1B
IOUT2B
RFBC
IOUT1C
IOUT2C
RFBD
IOUT1D
IOUT2D
VOUTA
VOUTB
VOUTC
VOUTD
VREFA
VREFB
VREFC
VREFD
+
Figure 11. “Clickless”
Audio Attenuator/Amplifier
DAC A
+
DAC B
+
+
DAC C
DAC D
Left
Channel
Input
+
+
Matched Pairs:
RFBA to RA
RFBD to RD
+
DAC A
DAC B
DAC C
DAC D
33k
10k
33k
10k
33k
10k
33k
10k
+
+5 V
10k
MP5010
10k
1.2 V
0.6 V
Figure 12. Quad DAC for Single +5 V Supply
RFBA
RFBB
RFBC
RFBD
Right
Channel
Input
RA
RD
Left
Channel
Output
(+10 V MAX)
Right
Channel
Output
(+10 V MAX)
+
+
+
VOUTA
VOUTB
VOUTC
VOUTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com