Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7680JE Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7680JE
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680JE Datasheet(HTML) 5 Page - Exar Corporation

  MP7680JE Datasheet HTML 1Page - Exar Corporation MP7680JE Datasheet HTML 2Page - Exar Corporation MP7680JE Datasheet HTML 3Page - Exar Corporation MP7680JE Datasheet HTML 4Page - Exar Corporation MP7680JE Datasheet HTML 5Page - Exar Corporation MP7680JE Datasheet HTML 6Page - Exar Corporation MP7680JE Datasheet HTML 7Page - Exar Corporation MP7680JE Datasheet HTML 8Page - Exar Corporation MP7680JE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP7680
5
Rev. 3.10
ELECTRICAL
CHARACTERISTICS
(V DD = + 5 V, V REF = +10 V, IO UT1 = IO UT2 = DGND = AGND = 0 V Unless Otherwise
Noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
ST ATIC PERFORMANCE
1
Resolution (All Grades)
N
12
12
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL - Min INL) / 2
K
+1
+1
J
+2
+2
Differential Non-Linearity
DNL
LSB
K
+1
+2.0
J
+4
+4.0
Gain Error
GE
LSB
Using Internal RFB
K
+16
+16
J
+16
+16
Gain Temperature Coefficient2
TCGE
+2
ppm/°°C DGain/DTemperature
Power Supply Rejection Ratio
PSRR
+50
+70
ppm/%
|DGain/DVDD| DVDD = + 5%
Output Leakage Current
IOUT
+50
+200
nA
IOUT1 VIN = 0 V
IOUT2 VIN = VDD
DYNAMIC
PERFORMANCE
2
RL=100W, CEXT=13pF
Current Settling Time
tS
1.0
ms
Full scale change to 1/2 LSB
REFERENCE
INPUT
Input Resistance
RIN
3
5
7
3
7
kW
Voltage Input Range2
VIN
+10
+25
V
DIGIT AL INPUTS
Input High Voltage
VIH
2.4
2.4
V
Input Low Voltage
VIL
0.8
0.8
V
Input Current
ILKG
+1
+4
mA
VIN = 0 V and VDD
Input Capacitance2
Data
CIN
7.0
pF
Control
CIN
7.0
pF
ANALOG
OUTPUTS 2
Output Capacitance
COUT1
100
pF
DAC all 1’s
COUT1
50
pF
DAC all 0’s
COUT2
50
pF
DAC all 1’s
COUT2
100
pF
DAC all 0’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com