Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32BF Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # S32BF
Description  3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

S32BF Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  S32BF Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd S32BF Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 297 -
S32BF THRU S320BF
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
For surface mounted application
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge current capability
.
High temperature soldering guaranteed:
260℃/10 seconds at terminals.
MECHANICAL DATA
.
Terminal: Solder plated
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Packaging:12mm tape per EIA STD RS-481
SMBF
.041(1.05)
.061(1.55)
.083(2.1)
.074(1.9)
.200(5.10)
.217(5.50)
.147(3.75)
.135(3.45)
.163(4.15)
.175(4.45)
.006(0.15)
.010(0.25)
.035(0.9)
.059(1.5)
.028(0.70)
.053(1.35)
.013(0.35)
.028(0.70)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL S32BF
S34BF
S36BF
S310BF
S315BF
S320BF
units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
100
150
200
V
Maximum RMS Voltage
VRMS
14
28
42
70
105
140
V
Maximum DC blocking Voltage
VDC
20
40
60
100
150
200
V
Maximum Average Forward Rectified Current
at TL=90°C
IF(AV)
3.0
A
Peak Forward Surge Current 8.3ms single half
sine- wave superimposed on rated load (JEDEC
method)
IFSM
80.0
A
Maximum Forward Voltage at 3.0A DC
VF
0.45
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current @TA =25°C
at rated DC blocking voltage
@TA =100°C
IR
0.5
0.1
mA
40.0
10.0
Typical Junction Capacitance (Note1)
CJ
300
72
pF
Typical Thermal Resistance (Note 2)
R(JA)
75
°C/W
R(JL)
22
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient and Lead, Mounted.Measured on P.C. Board with 0.2×0.2″(5.0×5.0mm) Copper
Pad Areas.


Similar Part No. - S32BF

ManufacturerPart #DatasheetDescription
logo
SICK AG
S32B-2011BA SICK-S32B-2011BA Datasheet
602Kb / 9P
S300 Mini
2024-04-25 15:36:22
S32B-2011EA SICK-S32B-2011EA Datasheet
1Mb / 9P
SAFETY LASER SCANNERS
S32B-3011EA SICK-S32B-3011EA Datasheet
1Mb / 9P
SAFETY LASER SCANNERS
logo
JST Mfg. Co., Ltd.
S32B-KRWHS JST-S32B-KRWHS Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
S32B-KRWHS-C JST-S32B-KRWHS-C Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results

Similar Description - S32BF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SR302 TSC-SR302_13 Datasheet
256Kb / 4P
3.0AMPS Schottky Barrier Rectifiers High reliability
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SR340L CHONGQING-SR340L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS32L CHONGQING-SS32L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS32 CHONGQING-SS32 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR320L YIXIN-SR320L Datasheet
238Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com