Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6442UTF Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6442UTF
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6442UTF Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6442UTF Datasheet HTML 2Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 3Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 4Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 5Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 6Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 7Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 8Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 9Page - Maxim Integrated Products MAX6442UTF Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, unless otherwise specified. Typical values are at TA = +25°C.)
120
110
100
90
80
70
60
10
100
1000
MAXIMUM VBATT TRANSIENT DURATION
vs. LTH THRESHOLD OVERDRIVE
LTH THRESHOLD OVERDRIVE (mV)
LBO ASSERTS ABOVE
THIS LINE
60
55
50
45
40
35
30
25
20
10
100
1000
MAXIMUM VCC TRANSIENT DURATION
vs. VTH THRESHOLD OVERDRIVE
VTH THRESHOLD OVERDRIVE (mV)
RESET ASSERTS ABOVE
THIS LINE
NORMALIZED UPPER (HTH) AND LOWER
(LTH) TRIP VOLTAGES vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.975
1.000
1.025
1.050
0.950
-40
80
LOWER TRIP VOLTAGE
UPPER TRIP VOLTAGE
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.975
1.000
1.025
1.050
0.950
-40
80
LBO OUTPUT vs. SINK CURRENT
VCC = 3.3V, VBATT = 2.1V
ISINK (mA)
8
6
4
2
20
40
60
80
100
120
0
010
LBO ASSERTED
RESET OUTPUT vs. SINK CURRENT
VCC = 2.1V, VBATT = 3.6V
ISINK (mA)
8
6
4
2
20
40
60
80
100
120
140
0
010
RESET ASSERTED
RESET OUTPUT vs. SOURCE CURRENT
VCC = 3.3V, VBATT = 3.6V
ISOURCE (mA)
3.0
2.5
2.0
1.5
1.0
0.5
2.75
3.00
3.25
3.50
2.50
0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com