Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36L Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SS36L
Description  3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SS36L Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SS36L Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 323 -
SS32L THRU SS36L
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
For surface mounted application
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge current capability
.
High temperature soldering
guaranteed: 260°C /10
seconds at terminals.
MECHANICAL DATA
.
Terminal: Solder plaated
.
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
.
Polarity: color band denotes cathode
.
Packaging:12mm tape per EIA STD RS-481
SMC(DO-214AB)
.008(0.203)
.002(0.051)
.128(3.25)
.108(2.75)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
.012(0.305)
.006(0.152)
.060(1.52)
.030(0.76)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SS32L
SS34L
SS36L
units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
V
Maximum RMS Voltage
VRMS
14
28
42
V
Maximum DC blocking Voltage
VDC
20
40
60
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TL =90°C
IF(AV)
3.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
80.0
A
Maximum Forward Voltage at 3.0A DC
VF
0.38
0.45
0.55
V
Maximum DC Reverse Current at rated
DC blocking voltage
@TA=25°C
@TA =100°C
IR
0.5
50.0
mA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
R(JA)
65
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Measured on P.C. Board with 0.2×0.2″ (5.0×5.0mm) Copper Pad Areas.


Similar Part No. - SS36L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS36L TSC-SS36L Datasheet
205Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Jinan Jing Heng Electro...
SS36L JINGHENG-SS36L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu High diode Semi...
SS36L HDSEMI-SS36L Datasheet
1Mb / 4P
SMCK Plastic-Encapsulate Diodes
logo
Gaomi Xinghe Electronic...
SS36L GXELECTRONICS-SS36L Datasheet
459Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS36L JUXING-SS36L Datasheet
2Mb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS36L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SR302 TSC-SR302_13 Datasheet
256Kb / 4P
3.0AMPS Schottky Barrier Rectifiers High reliability
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR340L CHONGQING-SR340L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS32 CHONGQING-SS32 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR320L YIXIN-SR320L Datasheet
238Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com