Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8786AS Datasheet(PDF) 7 Page - Exar Corporation

Part # MP8786AS
Description  CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8786AS Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP8786AS Datasheet HTML 2Page - Exar Corporation MP8786AS Datasheet HTML 3Page - Exar Corporation MP8786AS Datasheet HTML 4Page - Exar Corporation MP8786AS Datasheet HTML 5Page - Exar Corporation MP8786AS Datasheet HTML 6Page - Exar Corporation MP8786AS Datasheet HTML 7Page - Exar Corporation MP8786AS Datasheet HTML 8Page - Exar Corporation MP8786AS Datasheet HTML 9Page - Exar Corporation MP8786AS Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
03

5HY 
/,1($5,7< '(),1,7,21
7KH ,GHDO $'&
7KH WUDQVIHU IXQFWLRQ IRU DQ LGHDO $' FRQYHUWHU LV VKRZQ LQ
)LJXUH 
)LJXUH  ,GHDO $' 7UDQVIHU )XQFWLRQ
9
9
))
)(
)'
9)(
95%
957
9))
287387
&2'(6


/6%
9,1

/6%

/6%

 /6%
7KH ILUVW WUDQVLWLRQ IRU WKH GDWD ELWV WDNHV SODFH ZKHQ
9,1 9 95%   /6%
7KH ODVW WUDQVLWLRQ RI WKH GDWD ELWV WDNHV SODFH ZKHQ
9,1 9)) 957 ï  /6%
ZKHUH /6%
95()  
9)) ï 9  
DQG
95() 957 ï95%
7KH 5HDO $'&
,Q D ´UHDOµ FRQYHUWHU WKH FRGHWRFRGH WUDQVLWLRQV GR QRW IDOO
H[DFWO\ HYHU\ 95() YROWV
$ SRVLWLYH '1/ 'LIIHUHQWLDO 1RQ /LQHDULW\ HUURU PHDQV WKDW
WKH UHDO ZLGWK RI D SDUWLFXODU FRGH LV ODUJHU WKDQ  /6% 7KLV HUURU
LV PHDVXUHG LQ IUDFWLRQV RI /6%V
$ VSHFLILFDWLRQ RI 0D[ '1/   /6% PHDQV WKDW DOO FRGHV
DUH ZLWKLQ  /6% DQG  /6% )RU H[DPSOH LI 95()  9
WKHQ  /6% P9 DQG HYHU\ FRGH ZLGWK LV EHWZHHQ  DQG 
P9
)LJXUH  5HDO $' 7UDQVIHU &XUYH
287387
&2'(6

/6%



)(
(
))
(
9
9
9

/6%
=6
)6
95%
9)(
9))
957
,GHDO
1
1
1ï
2XWSXW
&RGHV
$QDORJ
,QSXW
)LJXUH  '1/ 0HDVXUHPHQW
/6%
'1/
9 1
9 1
7KH IRUPXODV IRU 'LIIHUHQWLDO 1RQOLQHDULW\ '1/  ,QWHJUDO
1RQ/LQHDULW\ ,1/ DUH
'1/  9 ï 9 ï /6%

'1/ )( 9)) ï9)( ï /6%
7KXV '1/ 1 >9 1 ï9 1 @ ï /6%
&RGH :LGWK 1 9 1 ï9 1
6LPLODUO\ WKH ]HUR VFDOH DQG IXOO VFDOH HUURUV DUH GHILQHG DV
()6 IXOO VFDOH HUURU 9)) ï 957 ï  /6%
(=6 ]HUR VFDOH HUURU 9 ï 95%   /6%
ZKHUH /6% > 957 ï95% @  
)LJXUH  VKRZV WKH ]HUR VFDOH DQG IXOO VFDOH HUURU WHUPV
ZKLOH )LJXUH  VKRZV WKH GHILQLWLRQ RI '1/







2XWSXW
&RGHV
$QDORJ ,QSXW 9ROW
)LJXUH  ,1/ (UURU &DOFXODWLRQ %LW
%HVW )LW /LQH
()6
(=6
/6%
,GHDO 7UDQVIHU /LQH
5HDO 7UDQVIHU /LQH
,1/
)LJXUH  JLYHV D YLVXDO GHILQLWLRQ RI WKH ,1/ HUURU 7KH JUDSK
VKRZV D ELW FRQYHUWHU WUDQVIHU FXUYH ZLWK JUHDWO\ H[DJJHUDWHG
'1/ HUURUV WR VKRZ WKH GHYLDWLRQ RI WKH UHDO WUDQVIHU FXUYH IURP
WKH LGHDO RQH
$IWHU D WHVWHU KDV PHDVXUHG DOO WKH WUDQVLWLRQ YROWDJHV D OLQH
LV GUDZQ SDUDOOHO WR WKH LGHDO WUDQVIHU OLQH %\ GHILQLWLRQ WKH EHVW
ILW OLQH PDNHV HTXDO WKH SRVLWLYH DQG DQG WKH QHJDWLYH ,1/ HUURUV
7KLV PD\ FKDQJH DQ ,1/ RI ï WR  /6%V UHODWLYH WR WKH LGHDO
OLQH LQWR D  UHODWLYH WR WKH EHVW ILW OLQH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com