Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL620-88OC-R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL620-88OC-R
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL620-88OC-R Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL620-88OC-R Datasheet HTML 1Page - Micrel Semiconductor PL620-88OC-R Datasheet HTML 2Page - Micrel Semiconductor PL620-88OC-R Datasheet HTML 3Page - Micrel Semiconductor PL620-88OC-R Datasheet HTML 4Page - Micrel Semiconductor PL620-88OC-R Datasheet HTML 5Page - Micrel Semiconductor PL620-88OC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
Micrel Inc. • 2180 Fortune Drive • S an Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 4/28/09 Page 5
8. LVPECL Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Output High Voltage
VOH
RL = 50Ω to (VDD – 2V)
(see figure)
VDD – 1.025
V
Output Low Voltage
VOL
VDD – 1.620
V
9. LVPECL Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Clock Rise Time
tr
@20/80% - LVPECL
0.6
1.5
ns
Clock Fall Time
tf
@80/20% - LVPECL
0.5
1.5
ns
OUT
OUT
50?
50?
LVPECL Levels Test Circuit
LVPECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
tR
tF
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
tSKEW
LVPECL Output Skew
2.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com