Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL602-2XSC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL602-2XSC
Description  HCSL Compatible Clock Generator for PCI Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-2XSC Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL602-2XSC Datasheet HTML 1Page - Micrel Semiconductor PL602-2XSC Datasheet HTML 2Page - Micrel Semiconductor PL602-2XSC Datasheet HTML 3Page - Micrel Semiconductor PL602-2XSC Datasheet HTML 4Page - Micrel Semiconductor PL602-2XSC Datasheet HTML 5Page - Micrel Semiconductor PL602-2XSC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PL602-XX
HCSL Compatible Clock Generator for PCI Express
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/08/11 Page 3
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic
IDD
At 100MHz, No Load
25
mA
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage
VOL
HCSL termination,
(RS = 150Ω, RT = 49.9Ω) 3.3V
(RS = 100Ω, RT = 49.9Ω) 2.5V
0.05
V
Output High Voltage
VOH
0.65
0.75
0.85
V
Output Current
IOSD
13
15
17
mA
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
25
MHz
Crystal Loading Rating
CL (xtal)
18
pF
Maximum Sustainable Drive Level
500
W
Operating Drive Level
100
W
Crystal Shunt Capacitance
C0
6
pF
Effective Series Resistance, Fundamental
ESR
45
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com