Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL602-2XSC-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL602-2XSC-R
Description  HCSL Compatible Clock Generator for PCI Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-2XSC-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL602-2XSC-R Datasheet HTML 1Page - Micrel Semiconductor PL602-2XSC-R Datasheet HTML 2Page - Micrel Semiconductor PL602-2XSC-R Datasheet HTML 3Page - Micrel Semiconductor PL602-2XSC-R Datasheet HTML 4Page - Micrel Semiconductor PL602-2XSC-R Datasheet HTML 5Page - Micrel Semiconductor PL602-2XSC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PL602-XX
HCSL Compatible Clock Generator for PCI Express
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/08/11 Page 2
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RAT INGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VDD
-0.5
4.6
V
Input Voltage Range
VI
-0.5
VDD+0.5
V
Output Voltage Range
VO
-0.5
VDD+0.5
V
Soldering Temperature
260
C
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
-40
+85
C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device
and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above
the operational limits noted in this specification is not implied. *Operating temperature is guaranteed by design. Parts are tested to commercial grade only.
AC SPECIFICATIONS
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency
Fundamental Crystal
25
MHz
Input (FIN) Frequency
25
MHz
Input (FIN) Signal Amplitude Internally AC coupled
0.9
VDD
Vpp
Output Frequency
25
200
MHz
Output Enable Time
OE Function; Ta=25º C, Add one clock
period to this measurement for a usable
clock output.
10
ns
Output Disable Time
OE Function; Ta=25º C
10
ns
Settling Time
At power-up (VDD > 2.25V)
10
ms
VDD Sensitivity
Frequency vs. VDD, ±10%
-2
2
ppm
Output Rise Time
10/90%VOH
0.3
0.5
ns
Output Fall Time
90/10%VOH
0.3
0.5
ns
Skew Between Outputs
Measured at 50% VOH
250
ps
Duty Cycle
At VDD/2
45
50
55
%
Period Jitter, peak-to-peak
- With capacitive decoupling between VDD
and GND
- At 100MHz
- 20,000 samples measured
28
ps
Cycle-to-Cycle, RMS
9
ps
Cycle-to-Cycle, peak
25
ps
TIE, RMS
2
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com