Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL602-04SC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL602-04SC
Description  Low Phase Noise CMOS XO (96MHz to 200MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-04SC Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL602-04SC Datasheet HTML 1Page - Micrel Semiconductor PL602-04SC Datasheet HTML 2Page - Micrel Semiconductor PL602-04SC Datasheet HTML 3Page - Micrel Semiconductor PL602-04SC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PL602-04
Low Phase Noise CMOS XO (96MHz to 200MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 11/16/11 Page 4
ORDERING INFORM ATION
Micrel Inc., reserves the right to make changes in its products or specifications, or both at any time without notice. The in formation furnished by Micrel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said info rmation and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Micrel Inc.
PART NUMBER
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL602-04 (H) X C
Part/Order Number
(Commercial)
Marking*
Package Option
PL602-04OC
P602-04
OC
LLLLL
8-Pin SOP Tube
PL602-04OC-R
8-Pin SOP (Tape and Reel)
PL602-04HOC
P602-04
HOC
LLLLL
8-Pin SOP Tube
PL602-04HOC-R
8-Pin SOP (Tape and Reel)
PL602-04SC
P602-04
SC
LLLLL
8-Pin SOP Tube
PL602-04SC-R
8-Pin SOP (Tape and Reel)
PL602-04HSC
P602-04
HSC
LLLLL
8-Pin SOP Tube
PL602-04HSC-R
8-Pin SOP (Tape and Reel)
*Note: LLLLL designates lot number
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
S=SOIC, O=TSSOP
Optional High Drive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com