Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL602-1XTC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL602-1XTC-R
Description  HCSL Compatible Clock Generator for PCI Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-1XTC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL602-1XTC-R Datasheet HTML 1Page - Micrel Semiconductor PL602-1XTC-R Datasheet HTML 2Page - Micrel Semiconductor PL602-1XTC-R Datasheet HTML 3Page - Micrel Semiconductor PL602-1XTC-R Datasheet HTML 4Page - Micrel Semiconductor PL602-1XTC-R Datasheet HTML 5Page - Micrel Semiconductor PL602-1XTC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PL602-XX
HCSL Compatible Clock Generator for PCI Express
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/08/11 Page 1
FEATURES
 Input Frequency:
o
Fundamental Crystal or Reference Input: 25MHz
 Output Frequency:
o
PL602-21: 100MHz differential outputs.
o
PL602-22: 125MHz differential outputs.
o
PL602-23: 200MHz differential outputs.
o
PL602-26: 25MHz differential outputs.
o
PL602-27: 250MHz differential outputs.
o
PL602-15: 156.25 MHz differential outputs.
 Very low Jitter: 28ps Pk-Pk typ.
 Very low Phase Noise:
o
-130 dBc at 10kHz offset at 100MHz
 No external loop filter is required
 Power supply range: 2.25V to 3.63V
 Operating temperature range from -40C to 85C
 Available in 6-pin SOT or 8-pin SOP Green/RoHS
compliant package.
PIN CONFIGURATION
DESCRIPTION
The PL602-XX is the smallest, high performance, lowest power differential output clock IC available for HCSL
timing applications. PL602-XX offers -130dBc at 10kHz offset at 100MHz, with a very low jitter
(2 ps TIE RMS), making it ideal for HCSL applications requiring small size and low power.
BLOCK DIAGRAM
PIN DESCRIPTION
Name
Pin #
Type
Description
SOP
SOT23
XIN
1
-
I
Crystal input (SOP package only)
FIN
-
3
I
Reference clock input (SOT23 package only)
GND
2
2
P
GND connection
CLK[0:1]
3,4
1,6
O
Differential clock outputs [note:CLK0=~CLK1]
VDD
5
5
P
VDD connection
DNC
6
-
-
Do not connect
OE
7
4
I
Output enable (OE) input. Internal 60KΩ pull up resistor.
XOUT
8
-
O
Crystal output pin.
XIN, FIN
XOUT
OE
QB
Phase
Locked
Loop
Q
Xtal
Osc
1
2
3
4
5
6
7
8
XIN
CLK0
CLK1
XOUT
DNC
VDD
OE
GND
SOP-8L
1
2
3
4
5
6
CLK1
GND
FIN
CLK0
OE
VDD
SOT23-6L


Similar Part No. - PL602-1XTC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PL602-00DC MICREL-PL602-00DC Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
PL602-03HOC MICREL-PL602-03HOC Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
PL602-03HOC-R MICREL-PL602-03HOC-R Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
More results

Similar Description - PL602-1XTC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
PCI-Express Clock Generator
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
PCI-Express Clock Generator
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
PCI Express Clock Generator
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
PCI EXPRESS??CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
PCI Express 1:8 HCSL Clock Buffer
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
HCSL-Compatible Clock Generator for PCI Express
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
PCI Express™ Clock Generator
Revision C, July 15, 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com