Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL602-2XTC-R Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # PL602-2XTC-R
Description  HCSL Compatible Clock Generator for PCI Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-2XTC-R Datasheet(HTML) 6 Page - Micrel Semiconductor

  PL602-2XTC-R Datasheet HTML 1Page - Micrel Semiconductor PL602-2XTC-R Datasheet HTML 2Page - Micrel Semiconductor PL602-2XTC-R Datasheet HTML 3Page - Micrel Semiconductor PL602-2XTC-R Datasheet HTML 4Page - Micrel Semiconductor PL602-2XTC-R Datasheet HTML 5Page - Micrel Semiconductor PL602-2XTC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PL602-XX
HCSL Compatible Clock Generator for PCI Express
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 02/08/11 Page 6
ORDERING INFORM ATION (GREEN PACKAGE COM PLIANT)
Micrel Inc., reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Micrel is believed to be accurate
and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever
nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Micrel Inc.
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL602-XX X X - X
Part Number
Package Type
S=SOP-8L
T=SOT23-6L
Shipping Option
None=Tube
R=Tape & Reel
Temperature
C=Commercial (0°C to 70°C)
I=Industrial (-40°C to 85°C)
Frequency
Designator
21 = 100MHz
22 = 125MHz
23 = 200MHz
25 = 156.25MHz
26 = 25MHz
27 = 250MHz
15 = 156.25
Part / Order Number
Marking
Package Option
PL602-2XSC
P602-2X
SC
LLLLL
8-Pin SOP (Tube)
PL602-2XSC-R
8-Pin SOP (Tape and Reel)
PL602-1XTC-R
F1X
LLL
6-Pin SOT-23 (Tape and Reel)
PL602-2XTC-R
F2X
LLL
6-Pin SOT-23 (Tape and Reel)
Note: LLL / LLLLL designate Production Lot.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com