Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL600-27TTC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL600-27TTC-R
Description  Low Power 3 Output XO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL600-27TTC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL600-27TTC-R Datasheet HTML 1Page - Micrel Semiconductor PL600-27TTC-R Datasheet HTML 2Page - Micrel Semiconductor PL600-27TTC-R Datasheet HTML 3Page - Micrel Semiconductor PL600-27TTC-R Datasheet HTML 4Page - Micrel Semiconductor PL600-27TTC-R Datasheet HTML 5Page - Micrel Semiconductor PL600-27TTC-R Datasheet HTML 6Page - Micrel Semiconductor PL600-27TTC-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PL600-27T
Low Power 3 Output XO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/24/10 Page 3
2. AC Electrical Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
10
52
MHz
Input (FIN) Frequency
LVCMOS or Sine Wave input
1
100
MHz
Input (FIN) Signal Amplitude
Internally AC coupled (High Frequency)
0.5
VDD
Vpp
Input (FIN) Signal Amplitude
Internally AC coupled (Low Frequency)
3.3V <50MHz, 2.5V <40MHz, 1.8V <15MHz
0.1
VDD
Vpp
Settling Time
At power-up (VDD < 1.62V)
10
ms
Output Clock Rise/Fall Time
0.8V ~ 2.0V with 10 pF load
1.15
ns
0.3V ~ 3.0V with 15 pF load
2.4
VDD sensitivity
Frequency vs. VDD +/- 10%
0.8
0.8
ppm
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
Short Circuit Current
50
mA
3. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling be-
tween VDD and GND.
2.1
2.5
ps
Phase Noise relative to carrier 30MHz @100Hz offset
-80
dBc/Hz
Phase Noise relative to carrier 30MHz @1kHz offset
-110
dBc/Hz
Phase Noise relative to carrier 30MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier 30MHz @100kHz offset
-138
dBc/Hz
Phase Noise relative to carrier 30MHz @1MHz offset
-145
dBc/Hz
4. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
(at VDD = 3.3V)
IDD
At 10MHz, Cload=15pF
2.0
2.5
mA
At 27MHz, Cload=15pF
4.0
4.5
At 48MHz, Cload=15pF
7.0
7.5
Supply Current in Tri-State
IDD
Output disabled
520
A
Operating Voltage
VDD
1.62
3.63
V
Output High Voltage
VOH
IOH = -12mA (3.3V)
2.4
V
Output Low Voltage
VOL
IOL = 12mA (3.3V)
0.4
V
Output High Voltage
VOHC
IOH = -4mA
VDD – 0.4
V
Output Drive Current
At TTL level (3.3V)
12
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com