Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL602-38OC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL602-38OC-R
Description  750kHz ??800MHz Low Phase Noise Multiplier XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-38OC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL602-38OC-R Datasheet HTML 1Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 2Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 3Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 4Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 5Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 6Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 7Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 8Page - Micrel Semiconductor PL602-38OC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PL602-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/07/2012 Page 1
FEATURES
 Selectable 750kHz to 800MHz range.
Low phase noise output
 -127dBc/Hz for 155.52MHz @ 10kHz offset
 -115dBc/Hz for 622.08MHz @ 10kHz offset
 LVCMOS (PL602-37), LVPECL (PL602-35 and
PL602-38) or LVDS (PL602-39) output.
 12MHz to 25MHz crystal input.
 No external crystal load capacitors required.
 Output Enable selector.
 Selectable /16 to x32 frequency divider/multiplier.
 3.3V operation.
 Available in 16-Pin TSSOP or 16-pin 3x3mm QFN
GREEN/RoHS compliant packages.
DESCRIPTION
The PL602-35 (LVPECL with inverted OE), PL602-37
(LVCMOS), PL602-38 (LVPECL), and PL602-39
(LVDS) are high performance and low phase noise XO
IC chips. They provide phase noise performance as
low as –127dBc at 10kHz offset (at 155MHz), by multi-
plying the input crystal frequency up to 32x. The very
low jitter makes them ideal for a wide range of applica-
tions, including SONET/SDH and FEC. They accept
fundamental parallel resonant mode crystals from
12MHz to 25MHz.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
^: Internal pull-up
*: On QFN package, PL602-35/-38 do not have SEL0 available: Pin 10
is VDD, pin 11 is GND. However, PL602-37/-39 have SEL0 (pin 10),
and pin11 is VDD. See pin assignment table for details.
Note: On QFN package there is a large center pad for thermal relief.
This pad needs to be connected to GND.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
PL602-38
0 (Default) Output enabled
1
Tri-state
PL602-35
PL602-37
PL602-39
0
Tri-state
1 (Default) Output enabled
OE input: Logical states defined by LVPECL levels for PL602-38
Logical states defined by LVCMOS levels for PL602-37/-39
1
2
3
4
5
6
7
8
VDD
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
XIN
XOUT
SEL3^
SEL2^
OE
GND
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND
TSSOP-16L
PL602-3x
1
2
3
4
12
11
10
9
13
14
15
16
8
7
6
5
SEL3^
XOUT
SEL2^
OE
VDD
CLKT
CLKC
GND
QFN-16L
XIN
XOUT
OE
CLKT
PL602-3x
CLKC
PLL by-pass
SEL[3:0]
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier
w/
integrated
load cap.


Similar Part No. - PL602-38OC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PL602-00DC MICREL-PL602-00DC Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
PL602-03HOC MICREL-PL602-03HOC Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
PL602-03HOC-R MICREL-PL602-03HOC-R Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
More results

Similar Description - PL602-38OC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com