Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-03SC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL502-03SC-R
Description  Low Phase Noise VCXO (48MHz to 100MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-03SC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL502-03SC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-03SC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-03SC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-03SC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-03SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PL502-03
Low Phase Noise VCXO (48MHz to 100MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 5/16/11 Page 3
3. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 25MHz
Output load 10pF
16
20
mA
Operating Voltage
VDD
2.97
3.63
V
Output Drive Current
(High Drive)
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
Output Drive Current
(Standard Drive)
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Short Circuit Current
50
mA
VCXO Control Voltage
VCON
0
3.3
V
4. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 25MHz;
XTAL C0/C1 < 250
0V
 VCON  3.3V
500
ppm
CLK output pullability
VCON=1.65V,
1.65V
200
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
kΩ
VCON modulation BW
0V
 VCON  3.3V, -3dB
10
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
5. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
with capacitive decoupling
between VDD and GND.
3.5
ps
Phase Noise relative to carrier
48MHz @100Hz offset
-100
dBc/Hz
Phase Noise relative to carrier
48MHz @1kHz offset
-123
dBc/Hz
Phase Noise relative to carrier
48MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
48MHz @100kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
48MHz @1MHz offset
-125
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com