Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-35QC-R Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # PL502-35QC-R
Description  750kHz ??800MHz Low Phase Noise Multiplier VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-35QC-R Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button PL502-35QC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 5Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 6Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 7Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 8Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 9Page - Micrel Semiconductor PL502-35QC-R Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PL502-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise ICs
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/15/13 Page 9
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type, Operating temperature range, shipping method
PL502-3x X X -X
Part Number
Package Type
O=TSSOP-16L
Q=QFN-16L
Temperature
C=Commercial (0°C to 70°C)
I=Industrial (-40°C to 85°C)
None=Tube
R=Tape & Reel
Part/Order Number*
Marking**
Package Option
Commercial
Industrial
PL502-35OC
P502-35
OC
LLLLL
P502-35
OI
LLLLL
8-pin TSSOP-16L – (Tube)
PL502-35OC-R
8-pin TSSOP-16L – (Tape and Reel)
PL502-35QC-R
P502
35
LLL
P502
35I
LLL
16-pin QFN-16L - (Tape and Reel)
PL502-37OC
P502-37
OC
LLLLL
P502-37
OI
LLLLL
8-pin TSSOP-16L – (Tube)
PL502-37OC-R
8-pin TSSOP-16L – (Tape and Reel)
PL502-37QC-R
P502
37
LLL
P502
37I
LLL
16-pin QFN-16L - (Tape and Reel)
PL502-38OC
P502-38
OC
LLLLL
P502-38
OI
LLLLL
8-pin TSSOP-16L – (Tube)
PL502-38OC-R
8-pin TSSOP-16L – (Tape and Reel)
PL502-38QC-R
P502
38
LLL
P502
38I
LLL
16-pin QFN-16L - (Tape and Reel)
PL502-39OC
P502-39
OC
LLLLL
P502-39
OI
LLLLL
8-pin TSSOP-16L – (Tube)
PL502-39OC-R
8-pin TSSOP-16L – (Tape and Reel)
PL502-39QC-R
P502
39
LLL
P502
39I
LLL
16-pin QFN-16L - (Tape and Reel)
*Note: For Industrial use “I” instead of “C” in the Part/Order number.
**Note: “LLL” or “LLLLL” are designates lot number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com