Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-37OC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL502-37OC-R
Description  750kHz ??800MHz Low Phase Noise Multiplier VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-37OC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL502-37OC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 5Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 6Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 7Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 8Page - Micrel Semiconductor PL502-37OC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PL502-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise ICs
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/15/13 Page 1
FEATURES
 Selectable 750kHz to 800MHz range
 Low phase noise output (@ 10kHz frequency off-
set, -142dBc/Hz for 19.44MHz, -125dBc/Hz for
155.52MHz, -115dBc/Hz for 622.08MHz)
 LVCMOS (PL502-37), LVPECL (PL502-35 and
PL502-38) or LVDS (PL502-39) output
 12MHz to 25MHz crystal input
 No external load capacitor or varicap required.
 Output Enable selector
 Wide pull range (±200 ppm)
 Selectable /16 to x32 frequency divider/multiplier
 3.3V operation
 Available in 16-Pin TSSOP or 16-pin 3x3mm QFN
GREEN/RoHS compliant packages
DESCRIPTION
The PL502-35 (LVPECL with inverted OE), PL502-37
(LVCMOS), PL502-38 (LVPECL), and PL502-39
(LVDS) are high performance and low phase noise
VCXO IC chips. They provide phase noise perfor-
mance as low as –125dBc at 10kHz offset (at
155MHz), by multiplying the input crystal frequency up
to 32x. The wide pull range (±200 ppm) and very low
jitter make them ideal for a wide range of applications,
including SONET/SDH and FEC. They accept funda-
mental parallel resonant mode crystals from 12MHz to
25MHz.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
^: Internal pull-up
*: On 3x3 package, PL502-35/-38 do not have SEL0 available: Pin 10
is VDD, pin 11 is GND. However, PL502-37/-39 have SEL0 (pin 10),
and pin11 is VDD. See pin assignment table for details.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
PL502-38
0 (Default) Output enabled
1
Tri-state
PL502-35
PL502-37
PL502-39
0
Tri-state
1 (Default) Output enabled
OE input: Logical states defined by LVPECL levels for PL502-38
Logical states defined by LVCMOS levels for PL502-37/-39
1
2
3
4
5
6
7
8
VDD
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
XIN
XOUT
SEL3^
SEL2^
OE
VCON
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND
TSSOP-16L
PL502-3x
1
2
3
4
12
11
10
9
13
14
15
16
8
7
6
5
SEL3^
XOUT
SEL2^
OE
VDD
CLKT
CLKC
GND
QFN-16L
XIN
XOUT
OE
CLKT
PL502-3x
VCON
CLKC
PLL by-pass
SEL[3:0]
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier
w/
integrated
varicaps


Similar Part No. - PL502-37OC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02HSC MICREL-PL502-02HSC Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02HSC-R MICREL-PL502-02HSC-R Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02SC MICREL-PL502-02SC Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02SC-R MICREL-PL502-02SC-R Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PL502-37OC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 122799
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 120600
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com