Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2053D
Description  50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2053D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2053D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2053D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPXM2053 SERIES
1
Sensor Device Data
Freescale Semiconductor
50 kPa
On- Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPXM2053 device is a silicon piezoresistive pressure sensor providing a highly
accurate and linear voltage output — directly proportional to the applied pressure. The
sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin--film
resistor network integrated on--chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°Cto +85°C
• Available in Easy--to--Use Tape & Reel
• Ratiometric to Supply Voltage
• Gauge Ported & Non Ported Options
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Non--Invasive Blood Pressure Measurement
Figure 1 shows a block diagram of the internal circuitry on the stand--alone pressure
sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
X--ducer
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout--
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Preferred devices are Freescale Semiconductor recommended choices for future use and best overall value.
MPXM2053
Rev. 2, 10/2004
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2004. All rights reserved.
MPXM2053
SERIES
0 to 50 kPa (0 to 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
--Vout
Freescale Semiconductor Preferred Device
MPXM2053D/DT1
CASE 1320
MPXM2053GS/GST1
CASE 1320A
SCALE 1:1
SCALE 1:1
MPAK PACKAGE


Similar Part No. - MPXM2053D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2053D MOTOROLA-MPXM2053D Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2053D FREESCALE-MPXM2053D Datasheet
226Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053D FREESCALE-MPXM2053D Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053D FREESCALE-MPXM2053D Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2053D NXP-MPXM2053D Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results

Similar Description - MPXM2053D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com